Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2USBF Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # TLP2USBF
Description  Protect It 230V Surge Protector with 2 French/Belgian Outlets, 0.33M Cord, 380 Joules, French plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP2USBF Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLP2USBF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP2USBF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP2USBF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Protect It! 230V Surge Protector with 2
French/Belgian Outlets, 0.33M Cord, 380 Joules,
French plug
MODEL NUMBER: TLP2USBF
Description
Tripp Lite's Protect It!™ TLP2USBF offers economical AC surge suppression for full protection of 220-250V home computers, printers, scanners, and desk
lamps. The TLP2USBF offers 2 French Type E outlets and 33 cm AC line cord. 2 USB ports are perfect for changing cell phones, iPods, MP3 players and
other mobile devices. Internal safety covers protect against accidental contact with unused outlets.
Features
Protect It!™ TLP2USBF offers economical AC surge suppression
380 joules AC surge suppression shields equipment from surges and line noise
2 French type E outlets protect computers and peripherals
2 USB ports are perfect for changing cell phones, iPods, MP3 players and other mobile devices
33 cm cord with French plug
Internal safety covers protect against accidental contact with unused outlets
Specifications
OUTPUT
Output Receptacles
(2) French/Belgian
Circuit Breaker (amps)
10
Transformer Accommodation
1
USB Charging
No
INPUT
Highlights
2 safety outlets
380 joule rating
2 USB ports
33 cm cord
Applications
Ideal for notebooks, home computers,
printers, scanners, and desk lamps.
Package Includes
TLP2USBF surge suppressor
Instruction manual and warranty
information
1 / 3


Similar Part No. - TLP2USBF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP2USBD TRIPPLITE-TLP2USBD Datasheet
493Kb / 3P
Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
More results

Similar Description - TLP2USBF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUPER6OMNID TRIPPLITE-SUPER6OMNID Datasheet
487Kb / 3P
Protect It 230V 6-Universal Outlet Surge Protector, 1.8M Cord, German/French Plug, 750 Joules
TLP2USBD TRIPPLITE-TLP2USBD Datasheet
493Kb / 3P
Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
TLP51D TRIPPLITE-TLP51D Datasheet
488Kb / 2P
Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
TLP51F TRIPPLITE-TLP51F Datasheet
486Kb / 2P
Protect It 230V Surge Protector with 5 French/Belgian Outlets, 1M Cord, 280 Joules,French plug, Diagnostic LED
TLP61F TRIPPLITE-TLP61F Datasheet
482Kb / 3P
Protect It 230V Surge Protector with 6 French/Belgian Outlets, 2M Cord, 1140 Joules,French plug
TLP82D TRIPPLITE-TLP82D Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
TLP82MASF TRIPPLITE-TLP82MASF Datasheet
505Kb / 3P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
SUPER6OMNIB TRIPPLITE-SUPER6OMNIB Datasheet
160Kb / 3P
Protect It! 230V 6-Universal Outlet Surge Protector, 1.8M Cord, British Plug, 750 Joules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com