Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP51D Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # TLP51D
Description  Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP51D Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  TLP51D Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP51D Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
230V (220-250V)
Input Cord Length (ft.)
3
Input Cord Length (m)
0.91
Voltage Compatibility (VAC)
220-250
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LEDs
Protected
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
280
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Unit Dimensions (hwd / in.)
10.43 x 1.58 x 2
Unit Dimensions (hwd / cm)
26.49 x 4.01 x 5.08
Unit Weight (lbs.)
.87
Unit Weight (kg)
0.39
Housing Color
Light grey
Receptacle Color
Light grey
Color (AC Line Cord)
Light grey
Metal Case
No
SPECIAL FEATURES
Right-Angle Plug
Yes
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com