Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP61F Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # TLP61F
Description  Protect It 230V Surge Protector with 6 French/Belgian Outlets, 2M Cord, 1140 Joules,French plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP61F Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  TLP61F Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP61F Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP61F Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Recommended Electrical Service
230V (220-250V)
Input Connection Type
French
Input Cord Length (ft.)
6
Input Cord Length (m)
2
Voltage Compatibility (VAC)
220-250
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LEDs
Green Protected
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
1140
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (hwd / in.)
17.10 x 4.53 x 2.17
Shipping Dimensions (hwd / cm)
43.43 x 11.51 x 5.51
Shipping Weight (lbs.)
1.30
Shipping Weight (kg)
0.59
Unit Dimensions (hwd / in.)
16 x 2.32 x 1.75
Unit Dimensions (hwd / cm)
40.64 x 5.89 x 4.45
Unit Weight (lbs.)
1.2
Unit Weight (kg)
0.54
Receptacle Color
Light Gray
Color (AC Line Cord)
Light Gray
Color
Gray
Metal Case
No
SPECIAL FEATURES
Right-Angle Plug
Yes
WARRANTY
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com