Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN303 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN303
Description  The purpose of this note is to familiarize
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN303 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN303 Datasheet HTML 5Page - STMicroelectronics AN303 Datasheet HTML 6Page - STMicroelectronics AN303 Datasheet HTML 7Page - STMicroelectronics AN303 Datasheet HTML 8Page - STMicroelectronics AN303 Datasheet HTML 9Page - STMicroelectronics AN303 Datasheet HTML 10Page - STMicroelectronics AN303 Datasheet HTML 11Page - STMicroelectronics AN303 Datasheet HTML 12Page - STMicroelectronics AN303 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN303
Latching current – the details
Doc ID 3654 Rev 3
9/13
Note:
The latching current of sensitive SCRs is always specified with a 1000 ohm gate-cathode
resistor.
Sensitive SCRs (IGT < 200 µA)
For sensitive SCRs, RGK has a large influence on the latching current as shown by
Figure 10. Thus, in certain applications, the designer may want to use a high-impedance
control circuit. The drawback will then be that the SCR sustainable dV/dt will be lower.
Standard SCRs, sensitive and standard TRIACs
RGK greater than 20 Ω will have no significant effect on the latching. But values lower than
20
Ω are not used in practice as they will excessively increase the current applied by the
control circuit to trigger the device.
2.3.5
Typical variation of the latching current IL with the control signal
The latching current IL varies with the amplitude and the pulse width tp of the gate current IG.
With a constant triggering pulse width (< 50 µs), the IG amplitude increase will lead to the IL
amplitude increase. And vice versa, if the IG amplitude is kept constant, the tp decrease will
lead to the IL amplitude increase (refer to Figure 11).
Figure 11.
Variation of IL with the width tp and the amplitude IG of the gate pulse
(quadrant I)
The latching current varies also according to the gate current pulse shape. The latching
current can:
●
Increase if a negative gate current is applied at the end of the pulse, as shown in
Figure 12.
●
Decrease if the decreasing slope of the gate current is low (compared to dashed line),
as shown in Figure 13. For a decreasing slope of the gate current lower than 0.5 A/µs,
the IL value is typically closed to the IH value.
50
30
20
10
0
IL (mA)
40
100
80
70
60
90
0
10
20
30
40
50
IG = 10 I GT
IG = 5 I GT
IG = 2 I GT
tp
[pulse width]
t
IG
IGT
Tj = 25 °C
tp (µs)
TRIAC BTB16-600B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com