Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN417 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN417
Description  From nickel-cadmium to nickel-hydride fast battery charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN417 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN417 Datasheet HTML 9Page - STMicroelectronics AN417 Datasheet HTML 10Page - STMicroelectronics AN417 Datasheet HTML 11Page - STMicroelectronics AN417 Datasheet HTML 12Page - STMicroelectronics AN417 Datasheet HTML 13Page - STMicroelectronics AN417 Datasheet HTML 14Page - STMicroelectronics AN417 Datasheet HTML 15Page - STMicroelectronics AN417 Datasheet HTML 16Page - STMicroelectronics AN417 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN417
Test results
Doc ID 2074 Rev 2
13/21
Figure 10.
Charge of a 2.2 Ah NiMH battery with the inflexion method: charging current 2.2 A,
total time 57 mn, temperature increase 7.5°C.
charging time
cell
voltage
temperature
voltage
temperature
19 deg
26.5 deg
smoothed voltage
derivative
Table 1.
Charge of different battery types with an 2.2 A current source
Battery
Monitoring
Duration
Temperature increase
NiCd 1.4 Ah
-[
ΔV]
inflexion point
48 min.
41 min.
9.6 °C
5 °C
NiMH 2.2 Ah
-[
ΔV]
inflexion point
63 min.
57 min.
18.2 °C
7.5 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com