Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN440 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN440
Description  QII and QIII TRIAC triggering with positive power supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN440 Datasheet(HTML) 4 Page - STMicroelectronics

  AN440 Datasheet HTML 1Page - STMicroelectronics AN440 Datasheet HTML 2Page - STMicroelectronics AN440 Datasheet HTML 3Page - STMicroelectronics AN440 Datasheet HTML 4Page - STMicroelectronics AN440 Datasheet HTML 5Page - STMicroelectronics AN440 Datasheet HTML 6Page - STMicroelectronics AN440 Datasheet HTML 7Page - STMicroelectronics AN440 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Gate current pulse width setting
AN440
4/8
t1 calculation
The TRIAC gate has to be supplied to reach an anode current higher than the latching
current. Furthermore, a minimum gate current pulse width of 20 µs has to be ensured. The
minimum t1 level is then given by the following equation:
Where
ω = 2.π.f and f is mains frequency.
IRMS: minimum rms current of the load (depending on line and load variations).
Figure 4 shows the minimum time versus IRMS load current for a 50Hz application.
Figure 4.
t1 time versus IRMS for different load currents (worst case: ILQ2)
Note:
Curve given for VCE = 1 V and VGK = 1.3 V
IGT is the maximum gate trigger current specified in the data sheet. To ensure a good safety
margin and a good triggering we chose IGM = 2.IGT.
The gate resistor can be defined by the following equation:
with typically VCE = 1 V and VGK = 1.3 V at IGM = 2.IGT
Capacitor C is then given by the following equation (where t1 is given by Figure 4):
Figure 5 gives the minimum capacitance versus supply voltage for different TRIACs series.
To ensure that capacitor C will be charged for the nest half cycle, R2 could be chosen with
this equation (charging time constant < 1 ms):
20 µs
2
I
I
asin
ω
1
t
RMS
MAX
L
1
+
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
·
≥
0
20
40
60
80
100
120
140
160
180
200
0123456789
10 11 12 13 14 15 16 17 18 19 20
IT(rms) (A)
t1 (µs)
BW SERIES
CW SERIES
t1 (CW -> 60mA)
t1 (BW -> 80mA)
GM
CE
GK
CC
1
I
V
V
V
R
-
-
=
()
2
·ln
R
t
C
1
1
≥
C
0.001
R 2 <



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com