Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN442 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN442
Description  The aim of this note is to show how to connect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN442 Datasheet(HTML) 2 Page - STMicroelectronics

  AN442 Datasheet HTML 1Page - STMicroelectronics AN442 Datasheet HTML 2Page - STMicroelectronics AN442 Datasheet HTML 3Page - STMicroelectronics AN442 Datasheet HTML 4Page - STMicroelectronics AN442 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN442 APPLICATION NOTE
2/5
Due to the low output current of the microcontroller, the triac had to be very sensitive and consequently
was not able to withstand for example the static dv/dt, and the commutation.
NEW ST SOLUTION
Two parameters have been improved:
– The sensitivity of the triacs.
– The output capability of the microcontrollers in terms of sunk current.
A microcontroller is now able to drive one standard triac or several sensitive triacs, without buffer transis-
tors (see Figure 3).
Figure 3. An easy connection!
Table 1 shows the output capability of a range of controllers and the sensitivity of the triacs.
Table 1. Triac and microcontroller characteristics
MICROCONTROLLERS &
OUTPUT CAPABILITIES
TRIAC
SENSITIVITY
GATE
PARAMETERS
CONNECTION
ST621x SERIES
ST622x SERIES
IOL = 20mA
at
VOL = 1.3V
IVSS=100mA
T & TW SERIES
Tx05 SERIES
IGT = 5mA
VG =1.5V
at
IG = 10mA
1 PORT/TRIAC
S & SW SERIES
Tx10 SERIES
IGT = 10mA
VG =1.5V
at
IG = 20mA
1 PORT/TRIAC
C SERIES
IGT = 25mA
VG =1.5V
at
IG = 50mA
2 PORTS
IN PARALLEL/TRIAC
CW SERIES
IGT = 35mA
VG = 2V
at
IG = 70mA
3 PORTS
IN PARALLEL/TRIAC
B & BW SERIES
IGT = 50mA
VG = 2V
at
IG = 100mA
4 PORTS
IN PARALLEL/TRIAC
LINE
G
A2
A1
0V
+VDD
IG
ST
µC
ST
TRIAC
VG
VOL
RG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com