Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN672 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN672
Description  When using the internal Analog to Digital Converter of the ST62 family
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN672 Datasheet(HTML) 1 Page - STMicroelectronics

  AN672 Datasheet HTML 1Page - STMicroelectronics AN672 Datasheet HTML 2Page - STMicroelectronics AN672 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AN672/1104
1/3
Rev. 2.0
AN672
APPLICATION NOTE
OPTIMIZING THE ST6 A/D CONVERTER ACCURACY
INTRODUCTION
When using the internal Analog to Digital Converter of the ST62 family and maximum A/D con-
verter accuracy is required, it is desirable to filter out any noise present on the analog input,
but also noise present on the ground and VCC supply lines of the MCU as VCC is also the
voltage reference of the A/D converter. Good decoupling must be made with capacitors on the
analog input and between VCC and ground. It is also recommended to put the MCU in wait
state while the conversion is in progress, so as to minimize noise injected into VCC by the op-
eration of the micro-controller itself.
Finally, when enough time is available, it is highly recommended to make several successive
A/D conversions and take an average of the results. This is the most effective way to get the
most accuracy out of the ST6 family A/D converter.
The following code fragment demonstrates a burst of 256 successive measurements, after
which the average is put into the accumulator. The whole routine takes approximately 30 milli-
seconds with an 8 MHz clock. When less time is available, it is of course possible to reduce the
number of conversions: 8, 16 or 32 conversions also give good results, although the most con-
versions give the best results.
1


Similar Part No. - AN672

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN672 SILABS-AN672 Datasheet
194Kb / 30P
PRECISION32??SI32LIBRARY OVERVIEW
logo
Panasonic Semiconductor
AN6721 PANASONIC-AN6721 Datasheet
25Kb / 2P
IGBT Drive IC
More results

Similar Description - AN672

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN681 SILABS-AN681 Datasheet
219Kb / 10P
USING THE Si87XX FAMILY OF DIGITAL ISOLATORS
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
Introducing the Newest Member of the Zenigata Family
logo
STMicroelectronics
AN432 STMICROELECTRONICS-AN432 Datasheet
393Kb / 12P
All members of the ST62 Series of Microcontrollers
Rev. 1.1
AN2658 STMICROELECTRONICS-AN2658 Datasheet
189Kb / 23P
Using the analog to digital converter of the STM8S microcontroller
08-Jul-2009
AN3023 STMICROELECTRONICS-AN3023 Datasheet
289Kb / 23P
Using the analog-to-digital converter of the STM8A microcontroller
16-Oct-2009
AN3123 STMICROELECTRONICS-AN3123 Datasheet
224Kb / 30P
Using the UART interfaces in the SPEAr embedded MPU family
12-Mar-2012
UM1547 STMICROELECTRONICS-UM1547 Datasheet
523Kb / 51P
Using the firmware of the AT command set
24-Mar-2015
logo
NXP Semiconductors
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
logo
Texas Instruments
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
Analog-to-Digital Converter With Internal Reference
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com