Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN886 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN886
Description  A customer who develops an MCU-based application needs various levels of flexibility in order
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN886 Datasheet(HTML) 8 Page - STMicroelectronics

  AN886 Datasheet HTML 1Page - STMicroelectronics AN886 Datasheet HTML 2Page - STMicroelectronics AN886 Datasheet HTML 3Page - STMicroelectronics AN886 Datasheet HTML 4Page - STMicroelectronics AN886 Datasheet HTML 5Page - STMicroelectronics AN886 Datasheet HTML 6Page - STMicroelectronics AN886 Datasheet HTML 7Page - STMicroelectronics AN886 Datasheet HTML 8Page - STMicroelectronics AN886 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
SELECTING BETWEEN ROM, FASTROM AND OTP FOR A MICROCONTROLLER
capsulated, it is not possible to test 100% of the user program area. For this reason the final
test is limited to a reserved number of bytes which are programmed and then verified.
OTP rejects rates due to programmability failures
As the programmability of the OTP cannot be fully tested once the die has been encapsulated,
a customer is likely to find a programming reject rate below 1% when programming is per-
formed using qualified programming tools. This rate should be considered as normal for
OTPs and should not generate customer quality returns. If higher failure rates are observed,
it is recommended to check the programming equipment.
Recommended screening conditions for OTP (data retention failures)
Programmability failures can be fully screened because gang programmers check the con-
tent of OTP devices after programming. But gang programmers cannot perform data reten-
tion tests.
High temperature aging is recommended for screening microcontrollers that use OTP devices
and performing data retention tests. The well-known retention failure mechanism corresponds
to charge losses during the component life time. The customer is likely to find a data retention
failure rate below 0.5% when programming is performed using qualified programming
tools. Therefore, it is strongly recommended to screen these potential failures as described
hereafter:
Figure 5. Recommended Screening Conditions for OTP
Screening devices that are subject to data retention failures will allow customers to obtain
OTP devices with a similar quality level compared to ROM devices.
In order to further lower the reject levels for programmability and data retention, STMicroelec-
tronics is continuously pursuing technology improvements in areas as soft die mounting, low
stress mold compounds and passivation layer enhancements.
VR02100F
PROGRAM
VERIFY
HIGH
AGING
PROGRAM
MOUNT
Nitrogen atmosphere
Normal atmosphere
TEMPERATURE
VERIFY
150 ø C / 24 h
125 ø C / 48 h
PROGRAM
Programmability
Failures
Data Retention
Failures



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com