Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN898 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN898
Description  EMC GENERAL INFORMATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN898 Datasheet(HTML) 3 Page - STMicroelectronics

  AN898 Datasheet HTML 1Page - STMicroelectronics AN898 Datasheet HTML 2Page - STMicroelectronics AN898 Datasheet HTML 3Page - STMicroelectronics AN898 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
EMC GENERAL INFORMATION
2 EMC REGULATIONS
Regulations are one of the primary reasons we test products for EMC. Therefore, we will now
look at some of the important organizations that develop and enforce EMC regulations. Failing
to comply with EMC regulations can result in forced removal of a product from the market
place or even monetary fines.
Figure 3. Conducted versus radiated Regulations
EMC regulations cover the entire spectrum of electrical products, from computing equipment
to microwave ovens to aircraft. As shown, the frequency ranges of interest for EMC testing ex-
tend from 30 Hz to 40 GHz (9 orders of magnitude), depending on the agency and the type of
measurement. The frequency range over which regulations exist varies, depending on the de-
vice and its intended use.
While individual EMC requirements vary widely from one another, one common aspect is the
goal of achieving valid, repeatable results. Therefore, most regulations specify the test envi-
ronment, receiver and transducer characteristics. Antenna height and polarization is usually
varied, and the tested equipment is rotated to find the maximum response from the device. All
these actions help insure that the worst-case emissions are found.
Because so many factors affect emissions, an environment with known characteristics must
be used when measuring electromagnetic interference. Testing within a known environment is
critical in order to assure meaningful and repeatable results that can be compared to other
measurements performed on other devices.
VR02102C
MIL-STD
30 Hz
40 GHz
EN
9 kHz
1 GHz
FCC
30 MHz
40 GHz
MIL-STD
450 kHz
30 MHz
30 MHz
9 KHz
EN
FCC
FCC
Federal
Communications
Commission
EN
European Norms
MIL-STD
US Military
Norms
Frequency (Herz)
CONDUCTED
RADIATED
1 Hz
1 kHz
1 MHz
1 GHz
30 Hz
40 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com