Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN900 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN900
Description  INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN900 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN900 Datasheet HTML 7Page - STMicroelectronics AN900 Datasheet HTML 8Page - STMicroelectronics AN900 Datasheet HTML 9Page - STMicroelectronics AN900 Datasheet HTML 10Page - STMicroelectronics AN900 Datasheet HTML 11Page - STMicroelectronics AN900 Datasheet HTML 12Page - STMicroelectronics AN900 Datasheet HTML 13Page - STMicroelectronics AN900 Datasheet HTML 14Page - STMicroelectronics AN900 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
2 BASIC IC ELEMENT: THE TRANSISTOR
2.1 MOS TECHNOLOGY
We will examine first the basics of MOS (Metal Oxide Semiconductor) technologies as they
are used for the majority of the integrated circuits manufactured at STMicroelectronics.
. There are three major MOS technology families: PMOS, NMOS and CMOS. They refer to the
channel type of the MOS transistors made with the technology.
– PMOS technologies implement P-channel transistors by diffusing P-type dopants (usually
Boron) into an N-type silicon substrate to form the source and the drain. P-channel is so
named because the channel is composed of positively charged carriers.
– NMOS technologies are similar, but use N-type dopants (usually Phosphorus or Arsenic)
to make N-channels transistors in P-type silicon substrate. N-channel is so named because
the channel is composed of negatively charged carriers.
– CMOS (Complementary MOS) technologies combine both P-channel and N-channel de-
vices on the same silicon. Either P or N-type silicon substrates can be used. However, deep
areas of the opposite doping type (called wells) must be defined to allow fabrication of the
complementary transistor type.
Figure 11. MOS Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com