Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN970 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN970
Description  SPI COMMUNICATION BETWEEN ST7 AND EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN970 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN970 Datasheet HTML 2Page - STMicroelectronics AN970 Datasheet HTML 3Page - STMicroelectronics AN970 Datasheet HTML 4Page - STMicroelectronics AN970 Datasheet HTML 5Page - STMicroelectronics AN970 Datasheet HTML 6Page - STMicroelectronics AN970 Datasheet HTML 7Page - STMicroelectronics AN970 Datasheet HTML 8Page - STMicroelectronics AN970 Datasheet HTML 9Page - STMicroelectronics AN970 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
SPI COMMUNICATION BETWEEN ST7 AND EEPROM
4 ST7 / EEPROM SPI PROTOCOL
The use of the main functions are briefly described below. For a complete description of the
protocol, please refer to the M95040 SPI EEPROM data sheet.
Write_enable: The memory contains a write enable latch. This latch must be set prior to any
WRITE or WRSR operation.
Byte_write: This function will write up to 16 bytes of data in the EEPROM. After the WRITE in-
struction, the memory address must be specified before sending data.
Byte_read: This function reads the memory. After the READ instruction, the memory address
is specified. To be able to send the data, the EEPROM must receive the clock from the
master: the ST7. This is made by sending a dummy byte. This operation will generate the 8
clock bits needed. The dummy value will not be seen by the EEPROM.
Write_SR: Give the proper value to the Status Register prior to any communication.
Read_SR: This process is similar to the byte read process. It will be used to check if there is
a write in progress (WIP bit of the status register).
5 SPI COMMUNICATION BETWEEN AN ST7 AND AN EEPROM
The software included with this application note is only the SPI driver. The complete software
can be found in the software library in the ST internet website. It is of course only an example.
It is up to the user to adapt it to his specific application.
5.1 GENERAL DESCRIPTION
The software is a polling SPI communication between the ST72264 and EEPROM.
The first part of the software performs to the initialization of the ST72264 (core and SPI periph-
eral) and of the EEPROM (value of status register for no protection).
Then it executes the write cycles. The «write_loop» writes in the EEPROM (16 bytes at a time
for optimization), the values 0 to 111 from the address 0 up to 111.
The third part executes the read cycles. The «read_loop» reads the content of the EEPROM
at a time from address 0 up to 111.
Finally, the software ends in an infinite loop.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com