Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN979 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN979
Description  DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN979 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN979 Datasheet HTML 6Page - STMicroelectronics AN979 Datasheet HTML 7Page - STMicroelectronics AN979 Datasheet HTML 8Page - STMicroelectronics AN979 Datasheet HTML 9Page - STMicroelectronics AN979 Datasheet HTML 10Page - STMicroelectronics AN979 Datasheet HTML 11Page - STMicroelectronics AN979 Datasheet HTML 12Page - STMicroelectronics AN979 Datasheet HTML 13Page - STMicroelectronics AN979 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/14
DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
6.3 EXTENSION FOR WAKE UP
With the ST7, it is possible to generate a wake-up function. This can be achieved by a mod-ifi-
cation of the circuit. The pull-up resistor must be connected to an additional port pin. During
key polling, this pin is in output mode and active high, thus switching VDD to the pull-up re-
sistor.
Figure 9. Keyboard with wake-up circuitry.
During the wait for a key to be pressed, the I/O pin used for the pull-up is switched into a high
impedance state (e.g. open drain output mode). The pin used as the ADC input while polling
is switched to interrupt input with pull-up mode.
So if any key is pressed an interrupt will be generated if the voltage at this pin is below the
Schmitt trigger low level threshold. The serial resistors in the keyboard chain must not be too
high in this case, therefore the maximum number of keys is reduced in comparison to normal
mode.
ADC
I/0
VSS
analog
input
AINx
ST7
VSS
key 0
key 15
Rup
R0
R14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com