Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1472 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1472
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1472 Datasheet HTML 8Page - Linear Technology LTC1472 Datasheet HTML 9Page - Linear Technology LTC1472 Datasheet HTML 10Page - Linear Technology LTC1472 Datasheet HTML 11Page - Linear Technology LTC1472 Datasheet HTML 12Page - Linear Technology LTC1472 Datasheet HTML 13Page - Linear Technology LTC1472 Datasheet HTML 14Page - Linear Technology LTC1472 Datasheet HTML 15Page - Linear Technology LTC1472 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1472
1472fa
TYPICAL APPLICATIONS
Single Protected PCMCIA Power Management System
Using the LT1301 Powered from 3.3V or 5V
3VIN
3VIN SHDN
5VIN
VDD
VPP EN0
VPP EN1
VCC EN0
VCC EN1
VPPIN
VPPOUT
VCC(IN)
VCC(OUT)
VCC(OUT)
GND
GND
LTC1472
VIN
SEL
SHDN
PGND
SW
SENSE
ILIM
GND
LT1301
3.3V
0.1
µF
3.3V OR 5V
5V
0.1
µF
CL-PD6710
VPP_VCC
VPP_PGM
VCC_3
VCC _5
PCMCIA
CARD SLOT
VPP1
VPP2
VCC
VCC
0.1
µF
10k
1
µF
TANT
OFF, 3.3V, 5V
0.1
µF
0.1
µF
47
µF
16V
TANT
12V
100
µF
10V
33
µH*
COILCRAFT
DO3316-333
3
2
10k
+
+
+
6
7
4
5
NC
MBRS130LT3
0V, VCC, 12V, Hi-Z
1
8
LTC1472 TA03
*FOR 5V TO 12V CONVERSION USE 10
µH, COILCRAFT D01608-103. SEE LT1301 DATA SHEET
FOR MORE DETAILED INFORMATION ON INDUCTION AND CAPACITOR SELECTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com