Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3Z30VT1G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LM3Z30VT1G
Description  Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LM3Z30VT1G Datasheet(HTML) 6 Page - Leshan Radio Company

  LM3Z30VT1G Datasheet HTML 1Page - Leshan Radio Company LM3Z30VT1G Datasheet HTML 2Page - Leshan Radio Company LM3Z30VT1G Datasheet HTML 3Page - Leshan Radio Company LM3Z30VT1G Datasheet HTML 4Page - Leshan Radio Company LM3Z30VT1G Datasheet HTML 5Page - Leshan Radio Company LM3Z30VT1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGE DIMENSIONS
SOD-323
H
J
C
E
MIN
MAX
MIN
MAX
A
B
C
D
E
H
J
K
1.60
1.15
0.80
0.25
0.00
0.089
2.30
1.80
1.35
1.00
0.40
0.10
0.177
2.7
0
0.063
0.045
0.031
0.010
0.0000
0.0035
0.091
0.071
0.053
0.039
0.016
0.004
0.0070
0.106
DIN
MILLIMETERS
INCHES
0.15 REF
0.006 REF
NOTES:
1. CONTROLLING DIMENSION: MILLIMETERS
2. LEAD THICKNESS SPECIFIED PER L / F DRAWING WITH
SOLDER PLATING.
A
B
D
K
1
2
SOD-323
1
2
LM3Z2V4T1G SERIES
0.63
0.02''
0.83
0.033''
1.60
0.063"
2.85
0.112''
mm
inches
STYLE 1:
PIN 1: CATHODE
2: ANODE
LESHAN RADIO COMPANY, LTD.
6/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com