Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1701B Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1701B
Description  1MHz Step-Down DC/DC Converters in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1701B Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1701B Datasheet HTML 4Page - Linear Technology LTC1701B Datasheet HTML 5Page - Linear Technology LTC1701B Datasheet HTML 6Page - Linear Technology LTC1701B Datasheet HTML 7Page - Linear Technology LTC1701B Datasheet HTML 8Page - Linear Technology LTC1701B Datasheet HTML 9Page - Linear Technology LTC1701B Datasheet HTML 10Page - Linear Technology LTC1701B Datasheet HTML 11Page - Linear Technology LTC1701B Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1701/LTC1701B
TYPICAL APPLICATIO S
All Ceramic Capacitor 2.5V Converter
2mm Nominal Height 1.5V Converter
5V to 3.3V Converter with Push-Button On/Off
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
LOAD CURRENT (mA)
1
90
85
80
75
70
65
60
55
50
10
100
1000
1701TA01b
VIN = 2.5V
VIN = 3.3V
VOUT = 1.5V
LTC1701
LTC1701B
VIN
ITH/RUN
SW
VFB
GND
C4
1
µF
+
R3
5.1k
R4
1M
R1
100k
D1
C3
330pF
C1
15
µF
C5
4.7
µF
+
C2
22
µF
R2
20k
L1
4.7
µH
VIN
2.5V TO
5.5V
VOUT
(1.5V/0.5A)
LTC1701
C1: AVX TAJA156M010R
C2: AVX TAJA226M006R
1701 TA01a
D1: MBRM120L
L1: MURATA LQH3C4R7M24
C4: TAIYO YUDEN LMK212BJ105MG
C5: TAIYO YUDEN JMK212BJ475MG
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
10
100
1000
1701 TA02b
VIN = 5.0V
VIN = 3.3V
VOUT = 2.5V
LTC1701
LTC1701B
Efficiency Curve
Efficiency Curve
LTC1701B Low Current Pulse Skip
VIN
ITH/RUN
SW
VFB
GND
C4
1
µF
R3
5.1k
R4
1M
R1
121k
D1
C3
180pF
C6
33pF
C1
10
µF
C2
10
µF
R2
121k
L1
4.7
µH
VIN
2.5V TO
5.5V
LTC1701
C1, C2: TAIYO YUDEN JMK316BJ106ML
C4, C5: TAIYO YUDEN LMK212BJ105MG
C5
1
µF
VOUT
(2.5V/0.5A)
1701 TA02
L1: MURATA LQH3C4R7M24
D1: MBRM120L
VIN
ITH/RUN
SW
VFB
GND
C4
1
µF
+
R3
5.1k
R5
5.1M
R1
20.5k
D1
C3
330pF
C1
15
µF
C5
1
µF
+
C2
22
µF
R2
34k
R4
1M
L1
4.7
µH
VIN
3.3V TO
5.5V
VOUT
(3.3V/
0.5A)
LTC1701
C1: AVX TAJA156M010R
C2: AVX TAJA226M006R
C4, C5: TAIYO YUDEN LMK212BJ105MG
1701 TA03a
ON
OFF
D1: MBRM120L
L1: MURATA LQH3C4R7M24
VOUT
20mV/DIV
IL
50mA/DIV
5
µs/DIV
1701 TA03b
VIN = 5V
VOUT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com