Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1981 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1981
Description  Single and Dual Micropower High Side Switch Controllers in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1981 Datasheet(HTML) 8 Page - Linear Technology

  LTC1981 Datasheet HTML 1Page - Linear Technology LTC1981 Datasheet HTML 2Page - Linear Technology LTC1981 Datasheet HTML 3Page - Linear Technology LTC1981 Datasheet HTML 4Page - Linear Technology LTC1981 Datasheet HTML 5Page - Linear Technology LTC1981 Datasheet HTML 6Page - Linear Technology LTC1981 Datasheet HTML 7Page - Linear Technology LTC1981 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC1981/LTC1982
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 2000
sn19812 19812fs LT/LCG 1200 4K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1153/LTC1154
Single High Side Micropower MOSFET Drivers
Circuit Breaker with Auto Reset
LTC1155/LTC1255
Dual High Side Micropower MOSFET Drivers
Latchoff Current Limit
LTC1163/LTC1165
Triple 1.8V to 6V High Side MOSFET Driver
Three MOSFET Drivers in 8-Lead SO Package
LTC1623
SMBus Dual High Side Switch Controller
Uses External Switches, Two Three-State Address Pins
LTC1710
SMBus Dual Monolithic High Side Switch
Uses Internal Switches, One Three-State Address Pin
Driving Both High Side and Low Side Switches
TYPICAL APPLICATIO
SHDN 1
GND
SHDN 2
LTC1982
GATE 1
GATE 2
VCC
SHDN 1
SHDN 2
HIGH SIDE
LOAD
LOW SIDE
LOAD
10
µF
0.1
µF
0.1
µF
1k
1k
Q1
Si6954DQ
Q2
Si6954DQ
VCC
1.8 to 5.0V
VEXT
(30V MAX)
1981/82 • TA03
1
2
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com