Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSX2012SW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # APSX2012SW
Description  PowerVerter APS INT 2000W 12VDC 230V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX2012SW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  APSX2012SW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX2012SW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX2012SW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PowerVerter APS INT 2000W 12VDC 230V
Inverter/Charger with Pure Sine Wave Output,
Hardwired
MODEL NUMBER: APSX2012SW
Description
Provide Pure Sine Wave power for all your alternative energy needs with the Tripp Lite APSX2012SW. This
inverter/charger supplies 2000 watts of continuous 230V AC power. Reliable large transformer design and
frequency control powers resistive loads such as refrigerators, motors, pumps, compressors and laser printers
as well as electronic loads like TV’s, Computers, power tool and battery chargers. The 3-stage charging system
will properly charge and maintenance your vehicle battery or separate battery bank. The charge rate is
selectable so you can use a variety of battery sizes as well as multiple batteries to fit your run time requirements.
Features
Pure sine wave output
Continuous output inverter and high power battery charger
Quiet, high efficiency operation, high surge capacity and low idle current
Supply energy to various loads such as resistive load
Seamless transfer switching
Load sensing adjustable
Unlimited back up time with user supplied batteries
Specifications
OUTPUT
Frequency Compatibility
50 Hz
Output Receptacles
Hardwire
Output (Watts)
2000
Highlights
12V DC or 230V AC input; 230V,
50 Hz output (hardwired)
2000 watts continuous output,
4000 watts peak output
Selectable 6/60 amp wet/dry cell
battery charger
Pure sine wave output
Quiet, high efficiency operation,
high surge capacity and low idle
current
Seamless transfer switching
Applications
Versatile inverter/charger system
with seamless transfer switching
serves as an automotive inverter
for RVs, over-the-road trucking,
conversion vans and fleet service
vehicles; a standalone alternative
power source for off-grid,
alternative energy or export
applications and as an
uninterruptible power supply
(UPS) for items compatible with a
10 millisecond transfer time.
Package Includes
APSX2012SW Inverter/Charger
Instruction manual with warranty
information
1 / 3


Similar Part No. - APSX2012SW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX3024SW TRIPPLITE-APSX3024SW Datasheet
520Kb / 4P
PowerVerter APS X 3000W 24VDC 230V
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
APSX6048VRNET TRIPPLITE-APSX6048VRNET Datasheet
559Kb / 4P
PowerVerter APS X 6000W 48VDC 208/230V
More results

Similar Description - APSX2012SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSINT2012 ETC2-APSINT2012 Datasheet
504Kb / 4P
PowerVerter짰 APS INT Series 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
logo
Tripp Lite. All Rights ...
APSINT2424 TRIPPLITE-APSINT2424 Datasheet
505Kb / 4P
PowerVerter APS INT 2400W 24VDC 230V
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
PowerVerter APS INT 3600W 36VDC 230V
APSX750 TRIPPLITE-APSX750 Datasheet
515Kb / 4P
PowerVerter APS X 750W 12VDC 230V
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX3024SW TRIPPLITE-APSX3024SW Datasheet
520Kb / 4P
PowerVerter APS X 3000W 24VDC 230V
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
APSX6048VRNET TRIPPLITE-APSX6048VRNET Datasheet
559Kb / 4P
PowerVerter APS X 6000W 48VDC 208/230V
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com