Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRPRO3 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PRPRO3
Description  Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PRPRO3 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PRPRO3 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PRPRO3 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Keyspan by Tripp Lite Presentation Pro Wireless
Remote Control, Black, 100-ft. Range
MODEL NUMBER: PR-PRO3
Description
The PR-PRO3 Presentation Remote from Keyspan by Tripp Lite is an advanced presentation control that frees
you from your keyboard during a presentation or lecture. With RF, laser, mouse and audio controls in one sleek
remote, it is an ideal tool for presenters and lecturers. Capable of a range of more than 100 feet, it covers large
meeting rooms and lecture halls. Its plug and play functionality makes it simple to use since there is no software
to install -- just plug the receiver into the USB port on your PC or Mac and it works within seconds. Its wireless
RF technology doesn't require line of sight, meaning you can walk anywhere in the room and truly engage your
audience without breaking your flow. For multimedia presentations, it can control the system volume on a Mac
or PC. The PR-PRO3 is compatible with all projector brands. It comes with two AAA batteries.
Features
RF Connectivity: Works up to 100 ft. -- even through walls and furniture.
Mouse Control: Provides complete two-button mouse capabilities.
Laser Pointer: Highlight details of your presentation with ease!
Audio Controls: Adjust system volume on the PC or Mac.
Advanced Functions: Start and End presentations, or hide the slide (darken the screen) with a push of a button.
Plug and Play: No software to install, just plug the receiver into the USB port and the remote begins to work within seconds.
Pop In/Out Receiver: The RF receiver stores in the base of the remote when not in use.
On/Off Switch: Prevents the battery from accidentally draining when the remote is being carried in your pocket or laptop bag.
AAA Batteries: Easy to buy when you need to replace the batteries.
Mac and Windows: Designed for use on Mac or Windows. Control PowerPoint and Keynote.
Specifications
OVERVIEW
Highlights
Designed for PowerPoint,
Keynote and other programs that
use PowerPoint keystrokes
Ideal tool for presenters and
lecturers
100 ft. RF range covers large
meeting rooms and lecture halls
Plug and Play, no software to
install
Volume, 2-button mouse and
laser pointer controls
Read review: Presentations are a
pleasure with the Keyspan Tripp
Lite Pro 3 Remote
System Requirements
Windows
98SE/Me/2000/XP/Vista/Windows
7
Mac OS 9.1 or later; Mac OS X
(10.1.5 or later); Mac OS X
(10.6.2)
USB port
Mac OS X (10.3 or later) for
volume control
Package Includes
Remote with USB receiver
Printed Quick Start Guide
Two AAA batteries for remote
1 / 2


Similar Part No. - PRPRO3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PRPRO4 TRIPPLITE-PRPRO4 Datasheet
500Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 65-ft. Range
More results

Similar Description - PRPRO3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSRM4 ETC2-APSRM4 Datasheet
483Kb / 3P
Remote Control Module - for Tripp Lite PowerVerter Inverters and Inverter/Chargers
logo
Tripp Lite. All Rights ...
UAC1B TRIPPLITE-UAC1B Datasheet
516Kb / 2P
Keyspan-by-Tripp Lite USB Power Adapter
PREZ1 TRIPPLITE-PREZ1 Datasheet
498Kb / 2P
Keyspan by Tripp Lite Easy Presenter Wireless Remote Control, White, 60-ft. Range
PRPRO4 TRIPPLITE-PRPRO4 Datasheet
500Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 65-ft. Range
PRUS2 TRIPPLITE-PRUS2 Datasheet
499Kb / 2P
Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
PR-EZ1 TRIPPLITE-PR-EZ1 Datasheet
495Kb / 2P
Keyspan by Tripp Lite Easy Presenter Wireless Remote Control, White, 60-ft. Range
PR-PRO3 TRIPPLITE-PR-PRO3 Datasheet
479Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PR-US2 TRIPPLITE-PR-US2 Datasheet
497Kb / 2P
Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
UAC-1B TRIPPLITE-UAC-1B Datasheet
514Kb / 2P
Keyspan-by-Tripp Lite USB Power Adapter
logo
IOGEAR
GWHD101KIT IOGEAR-GWHD101KIT Datasheet
165Kb / 2P
Share Pro??Expandable Wireless Presentation System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com