Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRPRO4 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PRPRO4
Description  Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 65-ft. Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PRPRO4 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PRPRO4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PRPRO4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
OVERVIEW
Model Frequency
2.4 to 2.483 GHz ISM Band
Laser Pointer
Class 2; Maximum output = 1 mW, wavelength = 650 nm
PRODUCT OVERVIEW
Product Overview
Keyspan-by-Tripp Lite Presentation Pro Remote Control
PHYSICAL
Unit Dimensions (hwd / in.)
.89 x 1.5 x 4.27
Unit Dimensions (hwd / cm)
2.26 x 3.81 x 10.85
Unit Weight (lbs.)
.132
Unit Weight (kg)
0.06
Color
Black
COMMUNICATIONS
Signal Range (ft.)
65
Signal Range (m)
19.8
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com