Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRUS2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PRUS2
Description  Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PRUS2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PRUS2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PRUS2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Keyspan by Tripp Lite Presentation Wireless
Remote Control, Silver, 60-ft. Range
MODEL NUMBER: PR-US2
Description
Presentation Magazine selected this remote for its annual "Standing Ovation Award" because it provides an
unmatched set of features at a very affordable price!
Features
Wireless presentation remote designed for PowerPoint and Keynote
RF Connectivity: Works up to 60-ft. away, even through walls and furniture.
Mouse Control: Provides complete cursor control and two-button mouse capabilities. Wireless Mouse Control!
Laser Pointer: Features "laser safe" design for use in classrooms and other environments where children are
present.
Multi-Media: Media mode controls Windows Media Player on a PC -- iTunes and QuickTime on a Mac.
Plug and Play: There is no software to install. Just plug it into a PC or Mac and it works within seconds.
Travel Pouch: Includes a convenient pouch for carrying the remote and receiver when traveling.
Specifications
OVERVIEW
Model Frequency
433 Mhz
Laser Pointer
Class 2; Maximum output = 1 mW, wavelength = 650 nm
PRODUCT OVERVIEW
Product Overview
Keyspan-by-Tripp Lite Presentation Remote Control
PHYSICAL
Highlights
Wireless presentation remote
control designed for PowerPoint
and Keynote
60+ ft. RF range
2-button mouse
Laser pointer
Multimedia controls
System Requirements
Windows:
An available USB port;
Windows
98SE/Me/2000/XP/Windows 7
Mac OS:
An available USB port;
Mac OS 9.1 or later;
Mac OS X (10.1.5 or later);
Mac OS X (10.6.2)
Requires Mac OS X (10.3 or
later) for volume control
Presentation Software: This
remote control is designed for
use with PowerPoint and
Keynote. It will also work with
other presentation programs that
use the same keystrokes as
PowerPoint. The remote supports
both Slide Show view and
Presenter view within
PowerPoint.
Multi-Media Software: Volume
control buttons adjust system
volume on a PC or Mac. Other
multi-media buttons are designed
to control Windows Media Player.
Projectors: This remote is
compatible with all brands of
projectors.
Package Includes
USB receiver
Remote
Remote's battery (type CR2450)
Travel pouch
1 / 2


Similar Part No. - PRUS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PRU MSYSTEM-PRU Datasheet
127Kb / 4P
Plug-in Signal Conditioners M-UNIT
PRU-11-1 MSYSTEM-PRU-11-1 Datasheet
127Kb / 4P
Plug-in Signal Conditioners M-UNIT
PRU-11-1/Q MSYSTEM-PRU-11-1/Q Datasheet
127Kb / 4P
Plug-in Signal Conditioners M-UNIT
PRU-11-2 MSYSTEM-PRU-11-2 Datasheet
127Kb / 4P
Plug-in Signal Conditioners M-UNIT
PRU-11-2/Q MSYSTEM-PRU-11-2/Q Datasheet
127Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PRUS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSRM4 ETC2-APSRM4 Datasheet
483Kb / 3P
Remote Control Module - for Tripp Lite PowerVerter Inverters and Inverter/Chargers
logo
Tripp Lite. All Rights ...
UAC1B TRIPPLITE-UAC1B Datasheet
516Kb / 2P
Keyspan-by-Tripp Lite USB Power Adapter
APSRMSW TRIPPLITE-APSRMSW Datasheet
503Kb / 2P
Remote Control Module for Tripp Lite Pure Sine Wave Inverter/Chargers
PREZ1 TRIPPLITE-PREZ1 Datasheet
498Kb / 2P
Keyspan by Tripp Lite Easy Presenter Wireless Remote Control, White, 60-ft. Range
PRPRO3 TRIPPLITE-PRPRO3 Datasheet
482Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PRPRO4 TRIPPLITE-PRPRO4 Datasheet
500Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 65-ft. Range
PR-EZ1 TRIPPLITE-PR-EZ1 Datasheet
495Kb / 2P
Keyspan by Tripp Lite Easy Presenter Wireless Remote Control, White, 60-ft. Range
PR-PRO3 TRIPPLITE-PR-PRO3 Datasheet
479Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PR-US2 TRIPPLITE-PR-US2 Datasheet
497Kb / 2P
Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
UAC-1B TRIPPLITE-UAC-1B Datasheet
514Kb / 2P
Keyspan-by-Tripp Lite USB Power Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com