Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR24UB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR24UB
Description  24U SmartRack Deep Rack Enclosure Cabinet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR24UB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR24UB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR24UB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR24UB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
24U extra deep enclosure
Adjustable mounting depths from 3" to 32.5" inches
Locking, reversible front door
Locking, removable side panels
Top and bottom panel cable access openings
Fully assembled for quick installation
Casters and leveling feet
Meets all enclosure requirements towards PCI DSS (Payment Card Industry Data Security Standard) compliance
Specifications
PHYSICAL
Installed Whole System Maximum
Rack Depth (in.)
32.5
Installed Whole System Maximum
Rack Depth (cm)
82.6
Installed Whole System Minimum
Rack Depth (in.)
3
Installed Whole System Minimum
Rack Depth (cm)
7.62
Rack Height (U Spaces)
24
Shipping Dimensions (hwd / in.)
46 x 25.6 x 35.03
Shipping Dimensions (hwd / cm)
116.84 x 65.02 x 88.97
Shipping Weight (lbs.)
136
Shipping Weight (kg)
61.69
Unit Dimensions (hwd / in.)
45.6 x 23.63 x 33.5
Unit Dimensions (hwd / cm)
115.82 x 60 x 85.09
Unit Weight (lbs.)
123
Unit Weight (kg)
55.79
Color
Black
Weight Capacity - Stationary (lbs.)
1,000
Weight Capacity - Rolling (lbs.)
1,000
Weight Capacity - Stationary (kg)
453.59
Weight Capacity - Rolling (kg)
453.59
Factory Preset Rack Depth (in.)
28.31
Factory Preset Rack Depth (cm)
71.91
Cable Access Hole Measurement
(inches)
9.812 x 2.35 (l x w)
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com