Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR45UB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR45UB
Description  45U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR45UB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR45UB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR45UB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR45UB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SR45UB Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
45U SmartRack Standard-Depth Server Rack
Enclosure Cabinet with doors & side panels
MODEL NUMBER: SR45UB
Description
The SR45UB features a massive front-to rear-ventilation capacity that meets or exceeds server manufacturer
requirements. Its integrated baying tabs make it easy to combine multiple enclosures in rows for data center
applications. This enclosure is also compatible with hot-aisle/cold-aisle configurations.
The SR45UB houses 3000 lb of standard 19-inch rack equipment in 45U. Its front and rear pairs of vertical rails
have square mounting holes that are adjustable in quarter-inch increments from 4 to 37 inches. Adjustment is
quick and an easy-view depth index ensures consistent rail placement without requiring time-consuming
measurements. Each rack space within the enclosure is numbered for ready reference.
Two of the adjustable vertical mounting rails support toolless button-mount 0U installation of up to four
compatible PDUs and cable managers. This feature makes it easier to route cabling to rack equipment and
reduces cord clutter.
With its locking, reversible, removable front and rear doors, and locking, removable side panels, the SR45UB
provides ultimate equipment safety. The side panels are half size for ease of removal and reinstallation. The split
rear door design allows the enclosure to be placed closer to a wall. The SR45UB meets all requirements toward
PCI DSS compliance.
The top panel of the SR45UB is vented to help remove warm air from the enclosure and draw in cool air by
convection. The top panel includes ports for cable routing, and can be quickly removed without tools. To facilitate cable access, the SR45UB is open-bottom.
All components of the SR45UB are grounded to the enclosure frame. Front and rear threaded grounding points are provided for connection to the facility earth
ground. The removable front and rear doors feature quick-release ground wires.
To simplify deployment, the SR45UB comes with preinstalled casters that enable it to be easily maneuvered into the desired location, where it can be secured
Highlights
45U SmartRack enclosure with
doors and side panels
4 interior vertical posts with
unthreaded square hole openings
Standard 24" (600mm) width and
42" (1050mm) depth for
optimizing floor space
Ships fully assembled
Massive front to rear ventilation
capacity
3000 lb stationary / 2250 lb rolling
load capacity
Locking, removable, reversible
front and rear doors
Locking, removable side panels
keyed alike with doors
Pre-installed casters and leveling
feet
Includes 50 pieces of M6 cage
nuts and 50 pieces of M6 screws
(equipment mounting hardware)
Meets all enclosure requirements
towards PCI DSS (Payment Card
Industry Data Security Standard)
Compliance
Package Includes
SR45UB Rack Enclosure
(4) Side Panels
(4) Side panel locks
(50) M6 screws
(50) M6 cage nuts
(50) M6 washers
(2) Door and side panel keys
Owner's Manual
1 / 4


Similar Part No. - SR45UB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR45UBDP TRIPPLITE-SR45UBDP Datasheet
519Kb / 3P
45U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR45UBDP48 TRIPPLITE-SR45UBDP48 Datasheet
165Kb / 3P
45U Extra-Deep Server Rack - 48 in. (1219 mm) Depth, Doors & Side Panels Included
SR45UBDPWD TRIPPLITE-SR45UBDPWD Datasheet
522Kb / 3P
45U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR45UBEXP TRIPPLITE-SR45UBEXP Datasheet
484Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR45UBEXPND TRIPPLITE-SR45UBEXPND Datasheet
485Kb / 3P
45U SmartRack 4-Post Premium Open Frame Rack
More results

Similar Description - SR45UB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UB TRIPPLITE-SR25UB Datasheet
494Kb / 3P
25U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR45UBDP TRIPPLITE-SR45UBDP Datasheet
519Kb / 3P
45U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR45UBEXP TRIPPLITE-SR45UBEXP Datasheet
484Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR45UBMD TRIPPLITE-SR45UBMD Datasheet
515Kb / 4P
45U SmartRack Mid-Depth Rack Enclosure Cabinet with doors and side panels
SR45UBSD TRIPPLITE-SR45UBSD Datasheet
514Kb / 3P
45U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBWD TRIPPLITE-SR48UBWD Datasheet
531Kb / 4P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR45UBWD TRIPPLITE-SR45UBWD Datasheet
170Kb / 4P
45U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors & side panels
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com