Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1076 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1076
Description  ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1076 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1076 Datasheet HTML 7Page - STMicroelectronics AN1076 Datasheet HTML 8Page - STMicroelectronics AN1076 Datasheet HTML 9Page - STMicroelectronics AN1076 Datasheet HTML 10Page - STMicroelectronics AN1076 Datasheet HTML 11Page - STMicroelectronics AN1076 Datasheet HTML 12Page - STMicroelectronics AN1076 Datasheet HTML 13Page - STMicroelectronics AN1076 Datasheet HTML 14Page - STMicroelectronics AN1076 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
4 EXTERNAL MEMORY INTERFACE FOR OLD ST9 DEVICES
– Some older ST9 devices output the MSB of the address on port2 and LSB on either port0/
port 6 based on the NMB bit:
– I/O Port 2 (6 pins): outputs the MMU bits of the address (A[16..21]).
– I/O Port 6 (8 pins): if the non-multiplexed bus option is chosen, this port outputs the LSB of
the address (A[0..7]). In this case, Port 0 only outputs the 8 bits of data (D[0..7]).
4.1 NON-MULTIPLEXED BUS (NMB BIT 3): LARGE MEMORY MODEL OPTION
When this bit is zero, Port 0 outputs the multiplexed data and the LSB of the address. When
this bit is 1, it is port 6 which outputs the address LSB (Port 0 is released in high impedance
during this time), and Port 0 only outputs data.
Figure 6 shows an example for a Large Memory Model, where the non-multiplexed bus (NMB
bit of the EMR1 register) and the second Data Strobe (DS2EN bit of the EMR1 register) op-
tions have been chosen. This allows some external hardware devices like the latch to be
saved.
Figure 6. Hardware Implementation: Large Memory Model Example
ROM
512 Kbytes
RAM
64 Kbytes
G
E
E
Q0-Q7
A0-A15
A7-A0
A15-A8
A20-A16
A21
A0-A18
DQ0-DQ7
G
W
ST9
RWN
DSN
P0
DS2N
P2
P1
P6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com