Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1131 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1131
Description  This application note provides information
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1131 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1131 Datasheet HTML 9Page - STMicroelectronics AN1131 Datasheet HTML 10Page - STMicroelectronics AN1131 Datasheet HTML 11Page - STMicroelectronics AN1131 Datasheet HTML 12Page - STMicroelectronics AN1131 Datasheet HTML 13Page - STMicroelectronics AN1131 Datasheet HTML 14Page - STMicroelectronics AN1131 Datasheet HTML 15Page - STMicroelectronics AN1131 Datasheet HTML 16Page - STMicroelectronics AN1131 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
MIGRATING APPLICATIONS FROM ST72511/311/314/124 TO ST72521/321/324
5.2.2 External Interrupt
A single EICR register manages all the features linked to the external interrupt sources (I/O
port interrupt sensitivity and TLI)
5.2.3 SPI/SS pin
The SPI SS pin alternate function is controlled from the SPI peripheral in the SPICSR register.
6 I/O PORT
6.1 EXTERNAL INTERRUPT HANDLING
To guarantee upward compatibility, the three following points have to be taken into account
when you develop your application software:
– In the ST72511/311R, 314N, 314/124J, parasitic interrupts occur when software changes
the I/O port configuration. In the ST72521/321R, 321/324J, these parasitic interrupts no long-
er occur.
– In the ST72511/311R, 314N, 314/124J, the IPA and IPB control bits can be written at any
time. In the ST72521/321R, 321/324J, these two bits can be written only when interrupts are
masked (I[1:0]=”10” in the CC register).
– In the ST72521/321R, 321/324J pending interrupts are cleared by software changing the val-
ue of the ISx[1:0], IPA or IPB bits. In the ST72511/311R, 314N, 314/124J this is the case
only for the ISx[1:0] bits.
7 PERIPHERALS
7.1 16-BIT TIMER
The 16-bit timer of the ST72511/311R, 314N, 314/124J has been modified in the ST72521/
321R, 321/324J to solve some issues related to PWM and One Pulse modes. If you use either
of these two modes, you may need to change your software when transferring code from the
ST72511/311 to the ST72521/321.
ST72324J family devices have one limitation versus ST72314/124J: in ST72324J, Input Cap-
ture 2 (IC2) and Output Compare 2 (OC2) functions are not available on Timer A.
All other modes of the timer do not change.
7.1.1 PWM Mode
To avoid any uncontrolled status on the PWM output, a double buffering on the output com-
pare registers (2 x 16 bits) is implemented in the ST72521/321R, 321/324J. This double buff-
ering is not present in the ST72511/311R, 314N, 314/124J.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com