Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1172 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 9Page - STMicroelectronics AN1172 Datasheet HTML 10Page - STMicroelectronics AN1172 Datasheet HTML 11Page - STMicroelectronics AN1172 Datasheet HTML 12Page - STMicroelectronics AN1172 Datasheet HTML 13Page - STMicroelectronics AN1172 Datasheet HTML 14Page - STMicroelectronics AN1172 Datasheet HTML 15Page - STMicroelectronics AN1172 Datasheet HTML 16Page - STMicroelectronics AN1172 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN1172
Electromagnetic compatibility standards
13/23
The applied surge is fixed at +/- 2,4 kV in order to be equivalent to a 2 kV over-voltage
applied at the peak mains voltage, with the same bias.
4.2
IEC 61000-4-4 standard
4.2.1
2.1: Standard requirements
For IEC 61000-4-4 tests, two different stressing ways are demanded. One is to apply the
bursts to the Line, Neutral or Ground through 33 nF capacitors. In this case, the bursts are
entirely absorbed by the mains filter, which is always present at the input of electronic
systems. The second IEC 61000-4-4 stressing mode is to apply the bursts through a typical
100 pF capacitor (realized by an aluminum sheet), directly to the I/O ports of the system.
The I/O port test is in fact required for systems where there are control wires, as for
computers (wires between keyboard and central unit). But appliance manufacturers apply
similar test to check if their products can withstand fast voltage transients.
The standard requires that for burst voltages up to 2 kV, the system must operate without
problem. However, triacs can then turn-on due to high dV/dt rates. In this case, a snubber
must be added to smooth these rates. Designers must then manage with the following
trade-off:
1.
Reduce dV/dt rates: the snubber capacitance must be high and the snubber
resistance must be low;
2.
Reduce the dI/dt rate at turn-on: the snubber capacitance must be low and the
snubber resistance must be high.
4.2.2
Snubber removal thanks to ACSs
I/O tests have been carried out on an electronic board including an ACS402, where the
gates are short-circuited to the COM in order to avoid parasitic turn-on due to MCU bad
operations. The system under test is embodied by this board. The I/O wires are then the
OUT pins of each ACS cell (which are connected to the loads), plus the Line and Neutral
wires. The trial diagram is shown in Figure 14.
Figure 12.
2 kV surge on the mains
(IEC 61000-4-5 test)
Figure 13.
ACS breakdown zoom
(IEC 61000-4-5 test)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com