Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1294 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1294
Description  During the last years
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1294 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1294 Datasheet HTML 9Page - STMicroelectronics AN1294 Datasheet HTML 10Page - STMicroelectronics AN1294 Datasheet HTML 11Page - STMicroelectronics AN1294 Datasheet HTML 12Page - STMicroelectronics AN1294 Datasheet HTML 13Page - STMicroelectronics AN1294 Datasheet HTML 14Page - STMicroelectronics AN1294 Datasheet HTML 15Page - STMicroelectronics AN1294 Datasheet HTML 16Page - STMicroelectronics AN1294 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN1294
Soldering method
Doc ID 7604 Rev 3
13/20
The screen itself consists of the screen mesh, the frame that holds the screen mesh aligned
with the board, and the mask. The screen mesh is designed to hold the solder paste in place
until it is squeezed through the mask by the squeegee. The screen mesh count refers to the
number of openings per inch, which is selected according to the size of the solder particles
in the paste used. For screen printing solder paste, the mesh count may vary from 60 to 150
and, in general, the size of the mesh opening should be chosen to be at least three times
the size of the mean particle size in the solder paste. However, if the area of the openings is
too large, there is a risk of the solder paste forming short-circuit bridges. The distance
between the PCB and the screen mesh is called the snap-on. When the squeegee passes
over the screen, the mesh is stretched down to the board and then snapped back to this
distance. The snap-off has to be set correctly to avoid the print being smeared. This
parameter should be specified by the screen printer manufacturer and depends on the size
of the board. The squeegee hardness and angle of attack also affect the results of the
screen printing. The screen and the squeegee should be restored frequently to obtain a
good solder print on the board.
6.4
Placement of parts and drying
The surface mount components should be placed immediately after the solder paste is
applied to the PCB. Some misalignment is permitted because the surface tension of the
molten solder will align the PowerSO-10RF package with the pad layout of the board. The
drying step follows after placement of the components is completed. The entire application
should be baked in an oven for 45 minutes at 50-80° C to evaporate the moisture content of
the solder paste and to minimize flux and solvent bubbling during the reflow solder process.
This reduces the risk of voids, pinholes and poor wetting.
6.5
Avoiding stresses
There are two main stresses to the package during soldering. The first is due to high
pressure caused by trapped moisture prior to soldering. The second is caused by different
thermal expansion coefficients of the materials used in the package.
Usually the melting point of solder exceeds the maximum rating of the device, so if the
device is heated entirely to such temperatures it may be damaged. Therefore, the thermal
stress to which the devices are exposed must be minimized. This is generally achieved by
using the appropriate solder heating profile. However, the correct soldering heating profile
must be determined by experiment for each particular circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com