Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1325 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1325
Description  This application note describes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1325 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1325 Datasheet HTML 7Page - STMicroelectronics AN1325 Datasheet HTML 8Page - STMicroelectronics AN1325 Datasheet HTML 9Page - STMicroelectronics AN1325 Datasheet HTML 10Page - STMicroelectronics AN1325 Datasheet HTML 11Page - STMicroelectronics AN1325 Datasheet HTML 12Page - STMicroelectronics AN1325 Datasheet HTML 13Page - STMicroelectronics AN1325 Datasheet HTML 14Page - STMicroelectronics AN1325 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
USING THE ST7 USB LOW-SPEED LIBRARY V4.2x
4.2.3 . Set_EP_Ready
Figure 4: Set_EP_Ready architecture
4.3 FUNCTIONS ALREADY AVAILABLE FOR HID CLASS
You will find the following functions in the file “HIDlayer.c” (in “Appli” directory) :
Note: They are given as example only and are not part of the USB core Library.
Function
Description
Handle_HID_Requests
Decode Human Interface Device requests.
Get_Output
Build output report (Mandatory if Output usage is defined).
Get_Input
Build input report (Mandatory if Input usage is defined).
Get_Feature
Build feature report (Mandatory if Feature usage is defined).
Set_Feature
Process feature report.
Set_Output
Process output report.
Void Set_EP_Ready (EndPoint, Direction, Length)
EP0 ?
IN ?
YES
YES
NO
Enable EP0 for next IN token :
set number of data to send
set EP0 VALID for transmission
Enable EP0 for next OUT token :
set EP0 VALID for reception
EP2 ?
IN ?
YES
YES
NO
EP1 ?
IN ?
YES
YES
NO
Return
NO
NO
NO
Enable EP1 for next IN token :
set number of data to send
set EP1 VALID for transmission
Enable EP1 for next OUT token :
set EP1 VALID for reception
Enable EP2 for next IN token :
set number of data to send
set EP2 VALID for transmission
Enable EP2 for next OUT token :
set EP2 VALID for reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com