Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1447 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1447
Description  SOFTWARE DRIVER FOR 4-MULTIPLEXED LCD WITH A STANDARD ST62
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1447 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1447 Datasheet HTML 9Page - STMicroelectronics AN1447 Datasheet HTML 10Page - STMicroelectronics AN1447 Datasheet HTML 11Page - STMicroelectronics AN1447 Datasheet HTML 12Page - STMicroelectronics AN1447 Datasheet HTML 13Page - STMicroelectronics AN1447 Datasheet HTML 14Page - STMicroelectronics AN1447 Datasheet HTML 15Page - STMicroelectronics AN1447 Datasheet HTML 16Page - STMicroelectronics AN1447 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
4-MULTIPLEXED LCD WITH A STANDARD ST62
How to customise: as long as all frontplane pins belong to the same I/O port, it is possible to
change I/O pin allocations or character coding just by modifying the equates and constant
table definitions located at the beginning of LCD_drv.st6:
– the mask equates selecting all or a subset of the frontplane pins,
– the look-up table for character coding,
– the bit definition equates selecting frontplane pins related to icon segments.
Figure 8. Operations to convert a character code into a frontplane waveform
inversion
charac:
DB
0aah,000h,055h,000h
; display 0
DB
0ffh,0aah,0ffh,0aah
; display 1
DB
0aah,055h,0aah,000h
; display 2
DB
0aah,0aah,0aah,000h
; display 3
DB
0ffh,0aah,000h,0aah
; display 4
DB
0aah,0aah,000h,055h
; display 5
DB
0aah,000h,000h,055h
; display 6
DB
0ffh,0aah,0ffh,000h
; display 7
DB
0aah,000h,000h,000h
; display 8
DB
0aah,0aah,000h,000h
; display 9
DB
0ffh,000h,000h,0aah
; display H
DB
0ffh,0ffh,0aah,0ffh
; display -
DB
0aah,055h,055h,0aah
; display L
DB
0ffh,055h,000h,000h
; display P
DB
0aah,055h,000h,055h
; display E
DB
0ffh,0ffh,0ffh,0ffh
; display ’Blank’
min_dig1I
= 9
LCD_Ph
mod 4 = 0
LCD_Ph
= 4
1
1
1
0
0
0 1 0
0
0
1
0
1
0 0
0
LCD_Ph
≥ 4
1
1
1
0
0
0 1
0
0
0
1
0
0
0 0
0
AND
0
0
0
0
0
1 0
0
previous value of
DR_seg_2
min_dig1
= 9
Step 1
0
0
1
0
0
1 0
0
ADD
new value stored
into DR_seg_2
look-up table defined
in LCD_drv.st6
image variable of
min_dig1
Example with minutes digit 1
; (Bit = 1) <=> pin is a frontplane pin for:
MIN0_SEL EQU
003h
; - digit 0 for minutes
MIN1_SEL EQU
00ch
; - digit 1 for minutes
HR0_SEL
EQU
030h
; - digit 0 for hours
HR1_SEL
EQU
0c0h
; - digit 1 for hours
equates defined in
LCD_drv.st6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com