Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1577 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1577
Description  This application note presents the implementation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1577 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1577 Datasheet HTML 17Page - STMicroelectronics AN1577 Datasheet HTML 18Page - STMicroelectronics AN1577 Datasheet HTML 19Page - STMicroelectronics AN1577 Datasheet HTML 20Page - STMicroelectronics AN1577 Datasheet HTML 21Page - STMicroelectronics AN1577 Datasheet HTML 22Page - STMicroelectronics AN1577 Datasheet HTML 23Page - STMicroelectronics AN1577 Datasheet HTML 24Page - STMicroelectronics AN1577 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/30
DEVICE FIRMWARE UPGRADE (DFU) IMPLEMENTATION IN ST7 USB DEVICES
4.4 OTHER DFU FUNCTIONS
These functions are not called by the Library. They are utility routines used during DFU
processing.
4.5 DFU VARIABLES
These variables are shared by the DFU kernel and the DFU protocol functions.
DFU_ManifestWaitReset_User
Called by the DFU_GetStatus function at the end of the
downloading phase. This function is used to write the End Of
Programming code in the last byte of Sector 1.
DFU_S1S2Valid
Used to check the integrity of Sectors 1 and 2. This is the first
function called by DFU_Main after Reset.
DFU_UpLoad_User
Called by the DFU_Upload function when a DFU_UPLOAD
request is received. Used to prepare and send the data to the
Host.
HDFlashProcess
Called by the DFU_Main function. This function manages the
call to all HDFlash routines.
VbusCheck
Used to check the presence of the Vbus when device is in
self-powered mode. This function is compiled if the
SELF_POWERED compilation variable is defined.
Table 6. LS Project Other DFU Functions
Function Name
Description
SetVpp12V
Used to set the Vpp voltage to 12V needed during erasing or
programming operations.
SetVpp5V
Used to set the Vpp Voltage to 5V when not erasing or pro-
gramming.
Table 5. LS Project DFU Call-back Functions
Function Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com