Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1602 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1602
Description  16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1602 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1602 Datasheet HTML 1Page - STMicroelectronics AN1602 Datasheet HTML 2Page - STMicroelectronics AN1602 Datasheet HTML 3Page - STMicroelectronics AN1602 Datasheet HTML 4Page - STMicroelectronics AN1602 Datasheet HTML 5Page - STMicroelectronics AN1602 Datasheet HTML 6Page - STMicroelectronics AN1602 Datasheet HTML 7Page - STMicroelectronics AN1602 Datasheet HTML 8Page - STMicroelectronics AN1602 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs
Ld TmpTBU1 , A
;into TmpTBU1
Ld A , ARTCAR
; Load the ART counter Value
Ld TmpART1 , A
;into TmpART1
Ld A , TBUCV
; Load the TBU counter value into
Ld TmpTBU2 , A
;TmpTBU2
;----------------------------------------;
Ld A , TmpART1
; Compare ART & ICR
Cp A , ARTICR2
; If ART > ICR then Case 2
jrpl Case2
;
Ld A , TmpTBU2
; Case 1 : TBU = TBU2 - 1
Dec A
;
jra Next2
;
.Case2
Ld A , TmpTBU1
; Case TBU = TBU1
.Next2
Ld PulseEndHR , A
;load TBUCV into PulseEndHR
Ld A , ARTICR2
;Load The ART Inp Capt 2 register
Ld PulseEndLR , A
;Value into PulseEndLR
Ld A , ARTICCSR
;Clear The input capture interrupt
Iret
;Exit From Interrupt
1.1.2 Pulse Length measurement
1.1.2.1 Measurement Principles
As first example in this application note, we will try to measure the pulse length of an external
signal applied to the input capture pins.
Figure 3. Pulse Length Measurement
To perform this operation, two input captures are used together and they are configured as fol-
lows:
– Input capture1 pin (ARTIC1) configured to detect rising edges
– The input capture2 pin (ARTIC2) configured to detect falling edges
The ARTIC1 & ARTIC2 are connected together (Figure 4).
Two 16-bits variables are used to hold the 16-bits timer values on each valid input capture
edge (PulseStart for the rising edge and PulseEnd for the edge).The pulse length value can be
deduced later using a 16-bits substruction between PulseStart and PulseEnd
Pulse Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com