Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1603 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1603
Description  This Application Note describes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1603 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1603 Datasheet HTML 10Page - STMicroelectronics AN1603 Datasheet HTML 11Page - STMicroelectronics AN1603 Datasheet HTML 12Page - STMicroelectronics AN1603 Datasheet HTML 13Page - STMicroelectronics AN1603 Datasheet HTML 14Page - STMicroelectronics AN1603 Datasheet HTML 15Page - STMicroelectronics AN1603 Datasheet HTML 16Page - STMicroelectronics AN1603 Datasheet HTML 17Page - STMicroelectronics AN1603 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14/21
USING THE ST7 USB DEVICE FIRMWARE UPGRADE DEVELOPMENT KIT (DFU-DK)
4.3.14.3 Parameters
phDevice: pointer to handle returned by the STDFU_Open function
Buffer: Buffer of Data
nBytes: Number of data bytes to be uploaded
nBlock: Number of data blocks to be uploaded
4.3.14.4 Returned value
STDFU_NOERROR in case of success, otherwise (Error Code).
4.3.15 STDFU_Getstatus
4.3.15.1 Prototype
typedef struct
{
UCHAR bStatus;
UCHAR bwPollTimeout[3];
UCHAR bState;
UCHAR iString;
}DFUSTATUS, *PDFUSTATUS;
DWORD STDFU_Getstatus (PHANDLE phDevice, DFUSTATUS *DfuStatus);
4.3.15.2 Description
Issues a GetStatus request to the Control Pipe (Endpoint0).
4.3.15.3 Parameters
phDevice: pointer to handle returned by the STDFU_Open function
DfuStatus: structure containing DFU Status structure
4.3.15.4 Returned value
STDFU_NOERROR in case of success, otherwise (Error Code).
4.3.15.5 Remarks
This function sends a getstatus request and it tests if the device is on a state equal to
STATE_DFU_MANIFEST_WAIT_RESET or STATE_DFU_MANIFEST then it closes the
driver and it waits for a reset from the device in order to return to application mode, if 15 sec-
onds elapse with no device change, it will return a STDFU_TIMEOUTWAITINGFORRESET
error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com