Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2POST13 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR2POST13
Description  13U SmartRack 2-Post Open Frame Rack - Organize and Secure Network Rack Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR2POST13 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR2POST13 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR2POST13 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13U SmartRack 2-Post Open Frame Rack - Organize
and Secure Network Rack Equipment
MODEL NUMBER: SR2POST13
Description
Tripp Lite’s SR2POST13 2-Post SmartRack Open Frame Rack is an economical way to accommodate 13U of rack space for 19-inch rackmount applications in
limited spaces. Its heavy-duty, aluminum construction can safely support 800 lbs. of rackmount equipment. The black, textured powder coat finish makes it
resistant to scratching while giving it a "classic," attractive appearance. The SR2POST13 is easy to install due to a self-squaring design combined with
numbered mounting positions and bolt down provisions. Only standard hand tools are required for installation (9/16" wrench and 9/16" socket/ratchet). Multiple
units can be bolted together side by side for easy expansion or customization as needed. The SR2POST13 2-Post SmartRack Open Frame Rack has been
approved by EIA-310-D, IEC 60297-3-100, DIN 41494 and RoHS, and is backed by a 5-year warranty.
Features
Supports 800lbs of rackmount equipment
Textured powder coat finish
Heavy Duty Aluminum construction
Numbered mounting positions
Bolt down provisions
Self squaring design
Black finish
Easy assembly
Specifications
PHYSICAL
Installed Whole System Maximum
Rack Depth (in.)
4.8
Installed Whole System Maximum
Rack Depth (cm)
12.19
Highlights
13U 2-post open frame rack
Black aluminum with round
threaded and numbered
mounting holes
Package Includes
SR2POST13
28 pieces each of 12-24 screws
and washers for equipment
mounting
Installation hardware
Cable management hooks
Warranty Information
Owner's Manual
1 / 2


Similar Part No. - SR2POST13

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR2POST12 TRIPPLITE-SR2POST12 Datasheet
161Kb / 3P
SmartRack 12U Desktop 2-Post Open-Frame Rack
More results

Similar Description - SR2POST13

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR4POST13 TRIPPLITE-SR4POST13 Datasheet
488Kb / 3P
13U SmartRack 4-Post Open Frame Rack - Organize
SR4POST25 TRIPPLITE-SR4POST25 Datasheet
478Kb / 3P
25U SmartRack 4-Post Open Frame Rack - Organize
SR2POST TRIPPLITE-SR2POST Datasheet
467Kb / 2P
45U SmartRack 2-Post Open Frame Rack, 800-lb. Capacity - Organize and Secure Network Rack Equipment
SR12UBEXPNDKD TRIPPLITE-SR12UBEXPNDKD Datasheet
514Kb / 3P
SmartRack 12U 4-Post Open Frame Rack
SR4POST52HD TRIPPLITE-SR4POST52HD Datasheet
165Kb / 3P
52U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST58HD TRIPPLITE-SR4POST58HD Datasheet
165Kb / 3P
58U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR2POST12 TRIPPLITE-SR2POST12 Datasheet
161Kb / 3P
SmartRack 12U Desktop 2-Post Open-Frame Rack
SR2POST25 TRIPPLITE-SR2POST25 Datasheet
155Kb / 2P
25U SmartRack 2-Post Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST48HD TRIPPLITE-SR4POST48HD Datasheet
165Kb / 3P
48U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST50HD TRIPPLITE-SR4POST50HD Datasheet
165Kb / 3P
50U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com