Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR4POST13 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR4POST13
Description  13U SmartRack 4-Post Open Frame Rack - Organize
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR4POST13 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR4POST13 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR4POST13 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR4POST13 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Installed Whole System Maximum
Rack Depth (in.)
39.3
Installed Whole System Maximum
Rack Depth (cm)
99.82
Installed Whole System Minimum
Rack Depth (in.)
22
Installed Whole System Minimum
Rack Depth (cm)
55.88
Rack Height (U Spaces)
13
Shipping Dimensions (hwd / in.)
4.13 x 5.71 x 43.3
Shipping Dimensions (hwd / cm)
10.5 x 14.5 x 109.98
Shipping Weight (lbs.)
40
Shipping Weight (kg)
18
Unit Dimensions (hwd / in.)
28 x 20.20 x 22-39
Unit Dimensions (hwd / cm)
71.12 x 51.3 x 55.9~99.06 (depth adjustable)
Unit Weight (lbs.)
39
Unit Weight (kg)
17.55
Unit Dimensions (cm)
71.12 x 51.31 x 55.88~99.1 (depth adjustable)
Color
Black
Weight Capacity - Stationary (lbs.)
1000
Weight Capacity - Stationary (kg)
453.6
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Includes nuts, bolts, and washers to attach to user-supplied ground wire
Seismic Rack
No
CERTIFICATIONS
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
EIA-310-D, IEC 60297-3-100, DIN 41494, RoHS
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com