Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1880 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1880
Description  SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1880 Datasheet(HTML) 2 Page - Linear Technology

  LT1880_15 Datasheet HTML 1Page - Linear Technology LT1880_15 Datasheet HTML 2Page - Linear Technology LT1880_15 Datasheet HTML 3Page - Linear Technology LT1880_15 Datasheet HTML 4Page - Linear Technology LT1880_15 Datasheet HTML 5Page - Linear Technology LT1880_15 Datasheet HTML 6Page - Linear Technology LT1880_15 Datasheet HTML 7Page - Linear Technology LT1880_15 Datasheet HTML 8Page - Linear Technology LT1880_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1880
2
1880fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V–).........................................40V
Differential Input Voltage (Note 2) .......................... ±10V
Input Voltage......................................................V+ to V–
Input Current (Note 2).......................................... ±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ...– 40°C to 85°C
Specified Temperature Range (Note 5) ....– 40°C to 85°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
5 V+
4 –IN
OUT 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
V– 2
+IN 3
TJMAX = 150°C, θJA = 250°C/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0°C < TA < 70°C
–40°C < TA < 85°C
l
l
40
150
200
250
μV
μV
μV
Input Offset Voltage Drift
(Note 6)
0°C < TA < 70°C
–40°C < TA < 85°C
l
l
0.3
0.3
1.2
1.2
μV/°C
μV/°C
IOS
Input Offset Current
0°C < TA < 70°C
–40°C < TA < 85°C
l
l
150
900
1200
1400
pA
pA
pA
IB
Input Bias Current
0°C < TA < 70°C
–40°C < TA < 85°C
l
l
150
900
1200
1500
pA
pA
pA
Input Noise Voltage
0.1Hz to 10Hz
0.5
μVp-p
en
Input Noise Voltage Density
f = 1kHz
13
nV/√Hz
in
Input Noise Current Density
f = 1kHz
0.07
pA/√Hz
RIN
Input Resistance
Differential
Common Mode, VCM = 1V to 3.8V
380
210
MΩ
GΩ
CIN
Input Capacitance
3.7
pF
VCM
Input Voltage Range
l (V– + 1.0)
(V+ – 1.2)
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; VCM = 2.5V unless otherwise noted. (Note 5)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1880CS5#PBF
LT1880CS5#TRPBF
LTUM
5-Lead Plastic TSOT-23
0°C to 70°C
LT1880IS5#PBF
LT1880IS5#TRPBF
LTVW
5-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com