Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1886 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1886
Description  Dual 700MHz, 200mA Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1886 Datasheet(HTML) 2 Page - Linear Technology

  LT1886_15 Datasheet HTML 1Page - Linear Technology LT1886_15 Datasheet HTML 2Page - Linear Technology LT1886_15 Datasheet HTML 3Page - Linear Technology LT1886_15 Datasheet HTML 4Page - Linear Technology LT1886_15 Datasheet HTML 5Page - Linear Technology LT1886_15 Datasheet HTML 6Page - Linear Technology LT1886_15 Datasheet HTML 7Page - Linear Technology LT1886_15 Datasheet HTML 8Page - Linear Technology LT1886_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1886
LT1886CS8
TJMAX = 150°C, θJA = 80°C/W (Note 4)
ORDER PART
NUMBER
The q denotes specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VS = ±6V, VCM = 0V, pulse power tested unless otherwise noted. (Note 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 5)
1
4
mV
q
5mV
Input Offset Voltage Drift
(Note 8)
q
317
µV/°C
IOS
Input Offset Current
150
400
nA
q
600
nA
IB
Input Bias Current
1.5
4
µA
q
6
µA
en
Input Noise Voltage
f = 10kHz
6
nV/
√Hz
in
Input Noise Current
f = 10kHz
2
pA/
√Hz
RIN
Input Resistance
VCM = ±4.5V
5
10
M
Ω
Differential
35
k
Ω
CIN
Input Capacitance
2pF
Input Voltage Range (Positive)
q
4.5
5.9
V
Input Voltage Range (Negative)
q
–5.2
–4.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±4.5V
q
77
98
dB
Minimum Supply Voltage
Guaranteed by PSRR
q
±2V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±6.5V
80
86
dB
q
78
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±4V, RL = 100Ω
5.0
12
V/mV
q
4.5
V/mV
VOUT = ±4V, RL = 25Ω
4.5
12
V/mV
q
4.0
V/mV
VOUT
Output Swing
RL = 100Ω, 10mV Overdrive
4.85
5
±V
q
4.70
±V
RL = 25Ω, 10mV Overdrive
4.30
4.6
±V
q
4.10
±V
IOUT = 200mA, 10mV Overdrive
4.30
4.5
±V
q
4.10
±V
ISC
Short-Circuit Current (Sourcing)
(Note 3)
800
mA
Short-Circuit Current (Sinking)
500
mA
S8 PART MARKING
1886
1
2
3
4
8
7
6
5
TOP VIEW
V +
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
(Note 1)
Total Supply Voltage (V+ to V–) ........................... 13.2V
Input Current (Note 2) .......................................
±10mA
Input Voltage (Note 2) ............................................
±VS
Maximum Continuous Output Current (Note 3)
DC ...............................................................
±100mA
AC ...............................................................
±300mA
Operating Temperature Range (Note 10) – 40
°C to 85°C
Specified Temperature Range (Note 9) .. – 40
°C to 85°C
Maximum Junction Temperature ......................... 150
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
Consult factory for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com