Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1930 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1930
Description  1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1930 Datasheet(HTML) 2 Page - Linear Technology

  LT1930_15 Datasheet HTML 1Page - Linear Technology LT1930_15 Datasheet HTML 2Page - Linear Technology LT1930_15 Datasheet HTML 3Page - Linear Technology LT1930_15 Datasheet HTML 4Page - Linear Technology LT1930_15 Datasheet HTML 5Page - Linear Technology LT1930_15 Datasheet HTML 6Page - Linear Technology LT1930_15 Datasheet HTML 7Page - Linear Technology LT1930_15 Datasheet HTML 8Page - Linear Technology LT1930_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1930/LT1930A
(Note 1)
VIN Voltage .............................................................. 16V
SW Voltage ................................................– 0.4V to 36V
FB Voltage .............................................................. 2.5V
Current Into FB Pin ..............................................
±1mA
SHDN Voltage ......................................................... 10V
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3V, VSHDN = VIN unless otherwise noted. (Note 2)
ORDER PART
NUMBER
LT1930ES5
LT1930AES5
S5 PART MARKING
LTKS
LTSQ
TJMAX = 125°C, θJA = 256°C/ W
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1930E/LT1930AE are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Current limit guaranteed by design and/or correlation to static test.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SW 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
FB 3
5 VIN
4 SHDN
LT1930
LT1930A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.45
2.6
2.45
2.6
V
Maximum Operating Voltage
16
16
V
Feedback Voltage
1.240
1.255
1.270
1.240
1.255
1.270
V
q
1.230
1.280
1.230
1.280
V
FB Pin Bias Current
VFB = 1.255V
q
120
360
240
720
nA
Quiescent Current
VSHDN = 2.4V, Not Switching
4.2
6
5.5
8
mA
Quiescent Current in Shutdown
VSHDN = 0V, VIN = 3V
0.01
1
0.01
1
µA
Reference Line Regulation
2.6V
≤ VIN ≤ 16V
0.01
0.05
0.01
0.05
%/V
Switching Frequency
1
1.2
1.4
1.8
2.2
2.6
MHz
q
0.85
1.6
1.6
2.9
MHz
Maximum Duty Cycle
q
84
90
75
90
%
Switch Current Limit
(Note 3)
1
1.2
2
1
1.2
2.5
A
Switch VCESAT
ISW = 1A
400
600
400
600
mV
Switch Leakage Current
VSW = 5V
0.01
1
0.01
1
µA
SHDN Input Voltage High
2.4
2.4
V
SHDN Input Voltage Low
0.5
0.5
V
SHDN Pin Bias Current
VSHDN = 3V
16
32
35
70
µA
VSHDN = 0V
0
0.1
0
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com