Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1964 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1964
Description  200mA, Low Noise, Low Dropout Negative Micropower Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964 Datasheet(HTML) 2 Page - Linear Technology

  LT1964_15 Datasheet HTML 1Page - Linear Technology LT1964_15 Datasheet HTML 2Page - Linear Technology LT1964_15 Datasheet HTML 3Page - Linear Technology LT1964_15 Datasheet HTML 4Page - Linear Technology LT1964_15 Datasheet HTML 5Page - Linear Technology LT1964_15 Datasheet HTML 6Page - Linear Technology LT1964_15 Datasheet HTML 7Page - Linear Technology LT1964_15 Datasheet HTML 8Page - Linear Technology LT1964_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1964
2
1964fb
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage ........................................................ ±20V
OUT Pin Voltage (Note 11)......................................±20V
OUT to IN Differential Voltage (Note 11) ........ –0.5V, 20V
ADJ Pin Voltage
(with Respect to IN Pin) (Note 11)............. –0.5V, 20V
BYP Pin Voltage
(with Respect to IN Pin)..................................... ±20V
SHDN Pin Voltage
(with Respect to IN Pin) (Note 11)............. –0.5V, 35V
(Note 1)
LT1964
LT1964-SD
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
OUT
OUT
ADJ
SHDN
IN
IN
GND
BYP
TJMAX = 125°C, θJA = 40°C/W, θJC = 16°C/W
(NOTE 13)
EXPOSED PAD (PIN 9) IS IN, MUST BE SOLDERED TO PCB
5 OUT
4 ADJ
GND 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
IN 2
SHDN 3
TJMAX = 150°C, θJA ≈125°C/W to 250°C/W
(NOTE 13)
SEE THE APPLICATIONS INFORMATION SECTION
LT1964-BYP
LT1964-5
5 OUT
4 ADJ
GND 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
IN 2
BYP 3
TJMAX = 150°C, θJA ≈125°C/W to 250°C/W
(NOTE 13)
SEE THE APPLICATIONS INFORMATION SECTION
5 OUT
4 SHDN
GND 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
IN 2
BYP 3
TJMAX = 150°C, θJA ≈125°C/W to 250°C/W
(NOTE 13)
SEE THE APPLICATIONS INFORMATION SECTION
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1964ES5-SD#PBF
LT1964ES5-SD#TRPBF
LTVX
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964ES5-BYP#PBF
LT1964ES5-BYP#TRPBF
LTVY
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964ES5-5#PBF
LT1964ES5-5#TRPBF
LTVZ
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964EDD#PBF
LT1964EDD#TRPBF
LDVM
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1964IS5-SD#PBF
LT1964IS5-SD#TRPBF
LTVX
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964IS5-BYP#PBF
LT1964IS5-BYP#TRPBF
LTVY
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964IS5-5#PBF
LT1964IS5-5#TRPBF
LTVZ
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964IDD#PBF
LT1964IDD#TRPBF
LDVM
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
SHDN Pin Voltage
(with Respect to GND Pin)..........................–20V, 15V
Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature (E, I Grade)
Range (Note 10) ............................... – 40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
SOT-23 Package................................................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com