Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3003 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3003
Description  3-Channel LED Ballaster with PWM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3003_15 Datasheet HTML 8Page - Linear Technology LT3003_15 Datasheet HTML 9Page - Linear Technology LT3003_15 Datasheet HTML 10Page - Linear Technology LT3003_15 Datasheet HTML 11Page - Linear Technology LT3003_15 Datasheet HTML 12Page - Linear Technology LT3003_15 Datasheet HTML 13Page - Linear Technology LT3003_15 Datasheet HTML 14Page - Linear Technology LT3003_15 Datasheet HTML 15Page - Linear Technology LT3003_15 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3003
16
3003fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0107 REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1618
Constant-Current/Constant-Voltage DC/DC Converter
Drives 20 White LEDs from Li-Ion, 10-Lead MS Package
LT1932
Constant Current,1.2MHz, High Efficiency White LED Boost
Regulator
VIN: 1V to 10V, VOUT(MAX) = 34V, IQ = 1.2mA, ISD < 1µA, ThinSOT
TM
Package
LT1942
Quad DC/DC Converter for Triple Output TFT Supply Plus Boost
LED Driver, with a 2-Channel Ballaster
TFT Supply: Three Switching Regulators (Two Boost, One Inverting)
LED Supply: Up to Two Strings of 10 LEDs. VIN: 2.6V to 16V,
VOUT(MAX) = 45V, IQ = 7mA, ISD < 1µA, Low Profile QFN package.
LT3475
36V, 2MHz, Dual 1.5A Step-Down LED Driver
VIN: 4V to 36V, 200kHz to 2MHz, TSSOP20E Package, 3000:1
Dimming
LT3477
3A, 3.5mHz, Constant-Current DC/DC Converter with Dual
Rail Sense. Can Drive LEDs in Boost, Buck and Buck-Boost
Configurations
VIN: 2.5V to 25V, VOUT(MAX) = 42V, ISD < 1µA, QFN/TSSOP Packages
LT3478
4.5A Constant Current BOOST LED Driver with PWM
VIN: 2.7V to 36V, VOUT(MAX) = 40V, ILED(MAX) = 1.05A, ISD < 5µA,
FE16 Package
LT3479
3A, 3.5MHz, 42V Full Featured Boost/Inverter Converter with
Soft-Start
VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD < 1µA, DFN/TSSOP
Packages
LT3474
36V, 2MHz, Step-Down 1A LED Driver
VIN: 4V to 36V, 200kHz to 2MHz, TSSOP16E Package, 400:1
Dimming
LTC3205
Multi-Display LED Controller, Step-Up/Step-Down Fractional
Charge Pump, Independent Current and Dimming Control
VIN: 2.8V to 4.5V, 800MHz, QFN Package
LTC3783
PWM LED Power and Boost, Flyback and SEPIC Controller
VIN: 3.6V to 36V, 300kHz, DFN, TSSOP16E Package, 3000:1
Dimming
ThinSOT is a trademark of Linear Technology Corporation.
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com