Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3003 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3003
Description  3-Channel LED Ballaster with PWM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 1 Page - Linear Technology

  LT3003 Datasheet HTML 1Page - Linear Technology LT3003 Datasheet HTML 2Page - Linear Technology LT3003 Datasheet HTML 3Page - Linear Technology LT3003 Datasheet HTML 4Page - Linear Technology LT3003 Datasheet HTML 5Page - Linear Technology LT3003 Datasheet HTML 6Page - Linear Technology LT3003 Datasheet HTML 7Page - Linear Technology LT3003 Datasheet HTML 8Page - Linear Technology LT3003 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3003
1
3003fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
LED1
8
× 3 = 24 LEDs
350mA PER STRING
VMAX
SHDN
VIN
PWM
LED2
LT3003
LED3
0.1
VEE
GND
OT2
OT1
CAP
10
µH
1nF
10
µF
0.33
µF
LED
VIN
VIN
3V TO 16V
VC
3003 TA01a
1
µF
1
µF
PVIN
32V
GND
SIMPLIFIED LT3476
SW
PWM
PWM
DIMMING
TOTAL LED CURRENT (mA)
0
60
65
70
75
80
90
200
400
600
800
3003 TA01b
1000
1200
85
PVIN = 32V
NUMBER OF LEDS = 8
× 3 = 24
3-Channel LED
Ballaster with PWM
The LT
®3003 drives three separate strings of LEDs up
to 350mA/channel with 3% accurate current matching,
resulting in uniform LED brightness and intensity. This
approach is superior to conventional methods of running
three separate channels with external ballast resistors
requiring expensive factory calibration.
The LT3003 operates in boost, buck and buck-boost mode.
A True Color PWM Dimming ratio of up to 3000:1 is achiev-
able using a logic-level signal at the PWM pin for all modes
without the need for external level-shifting circuitry. For
applications with input supply above and below the output
voltage of the LED strings, the LT3003 allows the LEDs to
be returned to the input supply (buck-boost mode) instead
of being limited to only SEPIC solutions.
The LT3003 is ideal for high power LED driver applications
such as TFT LCD backlighting and heads-up displays. Ad-
ditional overtemperature outputs allow appropriate system
management for increased reliability.
The LT3003 is available in a small 10-pin MSE package.
High Power LED Ballaster
Automotive Lighting
Video Cameras
TFT LCD Backlighting
3% LED Current Matching
Up to 350mA Continuous Current per LED String
Up to 3000:1 True Color PWM
TM Dimming Range
PWM Input Disconnects LED Strings
Can Operate in Buck, Boost and Buck-Boost Modes
Wide Input Range: 3V to 40V
Overtemperature Outputs
Works with LT1618, LT3477, LT3474, LT3475,
LT3476, LTC
®3783
Thermally Enhanced 10-Pin MSOP Package
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
True Color PWM is a trademark of Linear Technolology Corporation.
All other trademarks are the property of their respective owners.
Buck Mode LT3003 with the LT3476
Efficiency


Similar Part No. - LT3003

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3003 LINER-LT3003 Datasheet
219Kb / 16P
3-Channel LED Ballaster with PWM
LT3003 LINER-LT3003 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Dimensions Semic...
LT3003 LINEAR_DIMENSIONS-LT3003 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Littelfuse
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
Class T Fuse Blocks - 300 and 600 Volt
LT30030-3 LITTELFUSE-LT30030-3 Datasheet
526Kb / 4P
Class T Fuse Blocks - 300 and 600 Volt
More results

Similar Description - LT3003

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
3-Channel Constant Current LED Driver with Programmable PWM Control
logo
Linear Technology
LT3003 LINER-LT3003 Datasheet
219Kb / 16P
3-Channel LED Ballaster with PWM
logo
ON Semiconductor
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
ON Semiconductor
CAT4109 ONSEMI-CAT4109 Datasheet
163Kb / 12P
3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
March, 2010 ??Rev. 2
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
Allegro MicroSystems
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
3-Channel Constant-Current LED Driver with Programmable PWM Control
logo
Texas Instruments
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
3-Channel, 12-Bit, PWM Constant-Current LED Driver
logo
Allegro MicroSystems
A6281EESTR-T ALLEGRO-A6281EESTR-T Datasheet
263Kb / 11P
3-Channel Constant Current LED Driver with Programmable PWM Control
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
3-Channel Constant Current LED Driver With Programmable PWM Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com