Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3048 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3048
Description  Low Noise Bias Generator in 2mm 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3048 Datasheet(HTML) 2 Page - Linear Technology

  LT3048_15 Datasheet HTML 1Page - Linear Technology LT3048_15 Datasheet HTML 2Page - Linear Technology LT3048_15 Datasheet HTML 3Page - Linear Technology LT3048_15 Datasheet HTML 4Page - Linear Technology LT3048_15 Datasheet HTML 5Page - Linear Technology LT3048_15 Datasheet HTML 6Page - Linear Technology LT3048_15 Datasheet HTML 7Page - Linear Technology LT3048_15 Datasheet HTML 8Page - Linear Technology LT3048_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3048 Series
2
3048fa
For more information www.linear.com/LT3048
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ..............................................................................6V
SW............................................................................25V
BSTOUT ....................................................................23V
LDOIN .......................................................................22V
LDOOUT....................................................................22V
FB ...............................................................................6V
BYP........................................................................±0.3V
EN ...............................................................................6V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3048EDC#PBF
LT3048EDC#TRPBF
LGRR
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3048IDC#PBF
LT3048IDC#TRPBF
LGRR
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3048EDC-15#PBF
LT3048EDC-15#TRPBF
LGKK
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3048IDC-15#PBF
LT3048IDC-15#TRPBF
LGKK
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3048EDC-12#PBF
LT3048EDC-12#TRPBF
LGQQ
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3048IDC-12#PBF
LT3048IDC-12#TRPBF
LGQQ
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3048EDC-5#PBF
LT3048EDC-5#TRPBF
LGQR
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3048IDC-5#PBF
LT3048IDC-5#TRPBF
LGQR
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3048EDC-3.3#PBF
LT3048EDC-3.3#TRPBF
LGQS
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3048IDC-3.3t#PBF
LT3048IDC-3.3#TRPBF
LGQS
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range (Note 2)
E-Grade.............................................. –40°C to 125°C
I-Grade............................................... –40°C to 125°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range .................. –65°C to 150°C
LT3048-XX
LT3048
TOP VIEW
SW
VIN
GND
BYP
BSTOUT
EN
LDOIN
LDOOUT
DC PACKAGE
8-LEAD (2mm
× 2mm) PLASTIC DFN
9
GND
4
1
2
3
6
5
7
8
θJA = 102°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
SW
VIN
GND
BYP
BSTOUT
EN
LDOOUT
FB
DC PACKAGE
8-LEAD (2mm
× 2mm) PLASTIC DFN
9
GND
4
1
2
3
6
5
7
8
θJA = 102°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com