Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3439 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3439
Description  Slew Rate Controlled Ultralow Noise1A Isolated DC/DC Transformer Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3439 Datasheet(HTML) 2 Page - Linear Technology

  LT3439_15 Datasheet HTML 1Page - Linear Technology LT3439_15 Datasheet HTML 2Page - Linear Technology LT3439_15 Datasheet HTML 3Page - Linear Technology LT3439_15 Datasheet HTML 4Page - Linear Technology LT3439_15 Datasheet HTML 5Page - Linear Technology LT3439_15 Datasheet HTML 6Page - Linear Technology LT3439_15 Datasheet HTML 7Page - Linear Technology LT3439_15 Datasheet HTML 8Page - Linear Technology LT3439_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT3439
sn3439 3439fs
(Note 1)
VIN Voltage ............................................................. 20V
COL A, COL B Voltage ............................................. 35V
SHDN, SYNC Voltage .............................................. 20V
Maximum Junction Temperature ......................... 150
°C
Operating Junction Temperature Range
(Note 2) ............................................ – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LT3439EFE
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 5V; RT = 16.9k; CT = 680pF; RSL = 16.9k; COL A, COL B, SHDN pins open, unless otherwise noted.
TJMAX = 125°C, θJA = 40°C/ W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
PGND
NC
COL A
RSL
SYNC
CT
RT
NC
PGND
NC
COL B
VIN
NC
SHDN
GND
NC
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3439E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls.
NOTE: BACKSIDE OF PACKAGE CONNECTED TO GND
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply and Shutdown
VIN
Operating Range
q
2.8
17.5
V
VIN(MIN)
Minimum Input Voltage
2.55
2.7
V
IVIN
Supply Current
2.8V
≤ VIN ≤ 17.5V
q
12
mA
IVIN(SHDN)
Supply Current in Shutdown Mode
2.8V
≤ VIN ≤ 17.5V, VSHDN = 0V
5
20
µA
VSHDN(ON)
Shutdown Turn-On Threshold
2.8V
≤ VIN ≤ 17.5V
q
1.3
1.4
V
VSHDN(OFF)
Shutdown Turn-Off Threshold
2.8V
≤ VIN ≤ 17.5V
q
1.20
1.26
V
ISHDN
Shutdown Pin Current Hysteresis
2.8V
≤ VIN ≤ 17.5V, VSHDN = 1.4V
q
10
20
40
µA
Oscillator and Sync
fMAX
Oscillator Frequency
q
250
kHz
fSYNC
Synchronization Frequency Range
q
300
kHz
VSYNC
SYNC Pin Threshold
q
1.4
2.25
V
RSYNC
SYNC Pin Input Resistance
40
k
Ω
Output Switches (COL A, COL B)
DC
Switch Duty Cycle
q
50
%
BV
Output Switch Breakdown Voltage
2.8V
≤ VIN ≤ 17.5V
q
35
50
V
RON
Output Switch On Resistance
ICOLA or ICOLB = 0.75A
q
0.5
0.95
Ω
ILIM(MAX)
Switch Current Limit
1.2
1.4
1.65
A
Slew Control
VSLEWR
Output Voltage Slew Rising Edge
Collector A or B
17
V/
µs
VSLEWF
Output Voltage Slew Falling Edge
Collector A or B
17
V/
µs
ISLEWR
Output Current Slew Rising Edge
Collector A or B
5
A/
µs
ISLEWF
Output Current Slew Falling Edge
Collector A or B
5
A/
µs
FE PART
MARKING
3439EFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com