Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR48UBDPWD Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR48UBDPWD
Description  48U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR48UBDPWD Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR48UBDPWD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR48UBDPWD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR48UBDPWD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The SR48UBDPWD comes with a 5-year product warranty. As part of the SmartRack family, the SR48UBDPWD is compatible with Tripp Lite’s extensive
range of rackmount accessories, enabling you to customize your solution to meet any requirement.
Features
Ships fully assembled for rapid deployment and roll into place on heavy-duty pre-installed casters (casters are removable)
Front and rear sets of equipment mounting rails adjust in 1/4" increments. Adjustment is quick and convenient. The easy-view depth index ensures
consistent rail placement without requiring time-consuming measurements.
Toolless accessory mounting rails (2 rails per enclosure) include slots for quick installation of compatible PDUs and vertical cable managers. Mounting
slots are arranged in an industry-standard pattern compatible with a wide variety of accessories. Each rail can accommodate two vertical PDUs or cable
managers side-by-side (four items per enclosure).
Enclosure includes mounting hardware of 50 pieces of M6 cage nuts and 50 pieces of M6 screws
Textured powder coat finish for tough resistance to environmental concerns such as deployment in warehouses.
Massive front to rear ventilation capacity. 65+% open space in door perforation pattern meets or exceeds server manufacturer requirements.
Maximum usable internal depth of 42 inches/1050mm (front to rear rail).
Weight ratings of 3000 lb stationary and 2250 lb rolling.
Front door is locking, reversible and removable.
Rear doors are locking and reversible. Split rear door design reduces clearance requirements for service entry allowing the enclosure to be placed closer
to a wall.
Locking removable side panels are 'half size' to make them smaller and lighter improving ease of installation and servicing. Two side panels per side (4
panels total). Side panels are keyed alike to the front and rear doors.
Built in baying tabs allow enclosures to be combined securely in rows. Center-to-center width can be set at 750mm or 30".
Leveling feet extend to allow enclosure to be positioned on uneven floors. Levelers are removable.
Convenient grounding system. All components are grounded to the enclosure frame which includes multiple connections for facility ground. Front and
rear doors include quick-release ground wires.
Open bottom for cable access.
Top panel has generous cable access holes. Panel can be removed toollessly in seconds without having to disconnect cables first.
Included stabilizing brackets are used for shipment and can be reattached at the bottom of the enclosure frame on the inside or outside of the rack.
Meets all enclosure requirements towards PCI DSS (Payment Card Industry Data Security Standard) Compliance
Compatibility with airflow optimization accessories as well as cable management accessories.
Specifications
PHYSICAL
Installed Whole System Maximum
Rack Depth (in.)
42
Installed Whole System Maximum
Rack Depth (cm)
106.7
Installed Whole System Minimum
Rack Depth (in.)
4
Installed Whole System Minimum
Rack Depth (cm)
10.16
Rack Height (U Spaces)
48
Shipping Dimensions (hwd / in.)
95 x 32 x 52.75
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com