Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR48UBEXP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR48UBEXP
Description  48U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR48UBEXP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR48UBEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR48UBEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR48UBEXP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
48U SmartRack Standard-Depth Rack Enclosure
Cabinet - side panels not included
MODEL NUMBER: SR48UBEXP
Description
SmartRack enclosures are designed for secure, high density server and networking applications in IT environments. Designed with provisions to integrate
cooling, power distribution and cable management, SmartRack enclosures make ideal homes for mission-critical equipment. Vendor-neutral square hole/cage
nut mounting for guaranteed compatibility with all EIA-310-D compliant 19" equipment. Enclosures ship fully assembled for rapid deployment and roll into place
on heavy-duty casters. Toolless mounting slots allow quick installation of PDUs and vertical cable managers. Adjustable mounting rails include an easy-view
depth index to eliminate time-consuming measurements. Lightweight modular doors provide safe, convenient service access. Integrated baying tabs facilitate
combining enclosures in rows for standard data center baying applications. SmartRack enclosures hold up to 3000 lbs and support cooling, cable
management, power distribution and monitoring features that keep critical servers and network equipment operating nonstop. Perforated doors permit
massive front to rear airflow that exceeds servers manufacturer requirements. Enclosures are fully compatible with hot-aisle / cold-aisle data center
configurations.
Features
Ships fully assembled for rapid deployment and roll into place on heavy-duty pre-installed casters.
Front and rear sets of equipment mounting rails adjust in 1/4" increments. Adjustment is quick and convenient. The easy-view depth index ensures
consistent rail placement without requiring time-consuming measurements.
Toolless accessory mounting rails (2 rails per enclosure) include slots for quick installation of compatible PDUs and vertical cable managers. Mounting
slots are arranged in an industry-standard pattern compatible with a wide variety of accessories. Each rail can accommodate two vertical PDUs or cable
managers side-by-side (four items per enclosure).
Enclosure includes 50 pieces of M6 cage nuts and 50 pieces of M6 screws
Textured powder coat finish for tough resistance to environmental concerns such as deployment in warehouses.
Massive front to rear ventilation capacity. 65+% open space in door perforation pattern meets or exceeds server manufacturer requirements.
Maximum usable internal depth of 37 inches/94 cm (front to rear rail).
Weight ratings of 3000 lb stationary and 2250 lb rolling.
Front door is locking, reversible and removable.
Rear doors are locking and reversible. Split rear door design reduces clearance requirements for service entry allowing the enclosure to be placed closer
to a wall.
Built in baying tabs allow enclosures to be combined securely in rows. Center-to-center width can be set at 600mm or 24" to match standard data center
Highlights
48U SmartRack enclosure with
doors and NO side panels. 'EXP'
version is an expansion model
for when several cabinets are
bayed together
4 interior vertical posts with
unthreaded square hole openings
Standard 24" width for optimizing
floor space
Ships fully assembled
Massive front to rear ventilation
capacity
3000 lb stationary / 2250 lb rolling
load capacity
Locking, removable, reversible
front and rear doors
1 / 3


Similar Part No. - SR48UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR48UBEXPND TRIPPLITE-SR48UBEXPND Datasheet
163Kb / 3P
SmartRack 48U Standard-Depth 4-Post Premium Open Frame Rack with No Sides or Doors
SR48UBEXPNDNR3 TRIPPLITE-SR48UBEXPNDNR3 Datasheet
485Kb / 3P
48U SmartRack 4-Post Premium Open Frame Rack
More results

Similar Description - SR48UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBEXP TRIPPLITE-SR25UBEXP Datasheet
497Kb / 3P
25U SmartRack Standard-Depth Rack Enclosure Cabinet, Expansion Version - side panels not included
SR42UBEXP TRIPPLITE-SR42UBEXP Datasheet
485Kb / 3P
42U SmartRack Expandable Standard-Depth Server Rack Enclosure Cabinet - side panels not included
SR42UBMDEXP TRIPPLITE-SR42UBMDEXP Datasheet
488Kb / 3P
42U SmartRack Mid-Depth Expansion Rack - side panels not included
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UWEXP TRIPPLITE-SR42UWEXP Datasheet
522Kb / 3P
42U SmartRack White Standard-Depth Rack Enclosure - side panels not included
SR45UBEXP TRIPPLITE-SR45UBEXP Datasheet
484Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBSP1 TRIPPLITE-SR48UBSP1 Datasheet
495Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR48UBWD TRIPPLITE-SR48UBWD Datasheet
531Kb / 4P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBWDSP1 TRIPPLITE-SR48UBWDSP1 Datasheet
532Kb / 3P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com