Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3479 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3479
Description  3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3479 Datasheet(HTML) 2 Page - Linear Technology

  LT3479_15 Datasheet HTML 1Page - Linear Technology LT3479_15 Datasheet HTML 2Page - Linear Technology LT3479_15 Datasheet HTML 3Page - Linear Technology LT3479_15 Datasheet HTML 4Page - Linear Technology LT3479_15 Datasheet HTML 5Page - Linear Technology LT3479_15 Datasheet HTML 6Page - Linear Technology LT3479_15 Datasheet HTML 7Page - Linear Technology LT3479_15 Datasheet HTML 8Page - Linear Technology LT3479_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3479
2
3479fc
ABSOLUTE MAXIMUM RATINGS
SW, L, VS Voltages ................................................... 42V
VIN, SHDN Voltages ................................................. 24V
FBP, FBN, VREF, RT, VC Voltages ................................. 2V
Junction Temperature .......................................... 125°C
(Note 1)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
GND
GND
SS
VC
FBN
FBP
VREF
SW
SW
L
VS
VIN
RT
SHDN
TOP VIEW
15
DE14 PACKAGE
14-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 15) IS PGND (MUST BE SOLDERED TO PCB)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
SW
SW
L
VS
VIN
RT
SHDN
GND
GND
GND
GND
SS
VC
FBN
FBP
VREF
17
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 17) IS PGND (MUST BE SOLDERED TO PCB)
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3479EDE#PBF
LT3479EDE#TRPBF
3479
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LT3479EFE#PBF
LT3479EFE#TRPBF
3479EFE
16-Lead Plastic TSSOP
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3479EDE
LT3479EDE#TR
3479
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LT3479EFE
LT3479EFE#TR
3479EFE
16-Lead Plastic TSSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range (Note 2).... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
TSSOP .............................................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com