Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3482IUD Datasheet(PDF) 2 Page - Linear Technology

Part # LT3482IUD
Description  90V Boost DC/DC Converter with APD Current Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3482IUD Datasheet(HTML) 2 Page - Linear Technology

  LT3482IUD Datasheet HTML 1Page - Linear Technology LT3482IUD Datasheet HTML 2Page - Linear Technology LT3482IUD Datasheet HTML 3Page - Linear Technology LT3482IUD Datasheet HTML 4Page - Linear Technology LT3482IUD Datasheet HTML 5Page - Linear Technology LT3482IUD Datasheet HTML 6Page - Linear Technology LT3482IUD Datasheet HTML 7Page - Linear Technology LT3482IUD Datasheet HTML 8Page - Linear Technology LT3482IUD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3482
2
3482fa
Input Voltage (VIN)....................................................16V
VOUT1, SW Voltage....................................................48V
VOUT2, PUMP, MONIN, APD Voltage..........................90V
FB Voltage...................................................................5V
SHDN, fSET, CTRL Voltage.........................................16V
MON Voltage.............................................................12V
Operating Temperature Range
(Note 2).................................................... –40°C to 85°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, V⎯S⎯H⎯D⎯N = 3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
Maximum Operating Voltage
16
V
Feedback Voltage
CTRL = 1.5V
●
1.215
1.200
1.235
1.255
1.260
V
V
Feedback Line Regulation
0.025
0.07
%/V
FB Pin Bias Current
●
30
100
nA
Supply Current
FB = 1.3V, Not Switching
V⎯S⎯H⎯D⎯N = 0
3.3
0.1
4.0
0.5
mA
µA
Switching Frequency
fSET = 0V
fSET = 2V
580
1.0
650
1.1
750
1.3
kHz
MHz
Maximum Duty Cycle
fSET = 0V
95
%
Switch Current Limit
280
360
420
mA
Switch VCESAT
ISW = 150mA
130
220
mV
Switch Leakage Current
SW = 5V
2
µA
Schottky Forward Voltage
ISCHOTTKY = 150mA
880
mV
Schottky Reverse Leakage
VOUT1 – SW = 50V
5
µA
SHDN Voltage High
1.5
V
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
NC
APD
MONIN
VOUT2
SHDN
VIN
GND
GND
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3482EUD#PBF
LT3482IUD#PBF
LT3482EUD#TRPBF
LT3482IUD#TRPBF
LCFG
LCFG
16-Lead (3mm × 3mm) Plastic QFN
16-Lead (3mm × 3mm) Plastic QFN
0°C to 85°C
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free parts, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com