Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4321
Description  PoE Ideal Diode Bridge Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 2 Page - Linear Technology

  LT4321_15 Datasheet HTML 1Page - Linear Technology LT4321_15 Datasheet HTML 2Page - Linear Technology LT4321_15 Datasheet HTML 3Page - Linear Technology LT4321_15 Datasheet HTML 4Page - Linear Technology LT4321_15 Datasheet HTML 5Page - Linear Technology LT4321_15 Datasheet HTML 6Page - Linear Technology LT4321_15 Datasheet HTML 7Page - Linear Technology LT4321_15 Datasheet HTML 8Page - Linear Technology LT4321_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT4321
2
4321f
For more information www.linear.com/LT4321
pin conFiguraTion
absoluTe MaxiMuM raTings
OUTP-OUTN............................................. –0.3V to 100V
IN12, IN36, IN45, IN78....................... –2V to OUTP + 2V
BG12, BG36, BG45, BG78 Voltages.......... –0.3V to 100V
TG12, TG36, TG45, TG78
Voltages ....................................... –0.3V to OUTP + 12V
TG12-IN12 Voltage ......................................–0.3V to 12V
TG36-IN36 Voltage .....................................–0.3V to 12V
TG45-IN45 Voltage .....................................–0.3V to 12V
TG78-IN78 Voltage......................................–0.3V to 12V
EN, EN,..................................................... –0.3V to 100V
Operating Ambient Temperature Range
LT4321I................................................–40°C to 85°C
LT4321H............................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
16 15 14 13
5
6
7
8
TOP VIEW
17
OUTN
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
TG36
IN36
IN45
TG45
OUTP
EN
EN
OUTN
TJMAX = 125°C, θJC = 4.5°C/W
EXPOSED PAD (PIN 17) IS OUTN, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4321IUF#PBF
LT4321IUF#TRPBF
4321
16-Lead 4mm × 4mm Plastic QFN
–40°C to 85°C
LT4321HUF#PBF
LT4321HUF#TRPBF
4321
16-Lead 4mm × 4mm Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com