Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2902 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2902
Description  Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2902 Datasheet(HTML) 3 Page - Linear Technology

  LTC2902 Datasheet HTML 1Page - Linear Technology LTC2902 Datasheet HTML 2Page - Linear Technology LTC2902 Datasheet HTML 3Page - Linear Technology LTC2902 Datasheet HTML 4Page - Linear Technology LTC2902 Datasheet HTML 5Page - Linear Technology LTC2902 Datasheet HTML 6Page - Linear Technology LTC2902 Datasheet HTML 7Page - Linear Technology LTC2902 Datasheet HTML 8Page - Linear Technology LTC2902 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC2902
2902f
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: The greater of V1, V2 is the internal supply voltage (VCC).
Note 4: Under static no-fault conditions, V1 will necessarily supply quiescent
current. If at any time V2 is larger than V1, V2 must be capable of supplying
the quiescent current, programming (transient) current and reference load
current.
Note 5: The output pins RST and COMPX have internal pull-ups to V2 of
typically 6
µA. However, external pull-up resistors may be used when faster
rise times are required or for VOH voltages greater than V2.
Note 6: The push-pull RST output pin on the LTC2902-2 is
actively pulled up
to V2.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRTAN
– ADJ Reset Threshold
V4 Input Threshold
q
–18
0
18
mV
VCC
Minimum Internal Operating Voltage
RST, COMPX in Correct Logic State;
q
1V
VCC Rising Prior to Program
VCCMINP
Minimum Required for Programming
VCC Rising
q
2.42
V
VCCMINC
Minimum Required for Comparators
VCC Falling
q
2.32
V
VREF
Reference Voltage
VCC ≥ 2.3V, IVREF = ±1mA, CREF ≤ 1000pF
T0 Low, T1 Low
q
1.192
1.210
1.228
V
T0 Low, T1 High
q
1.160
1.178
1.195
V
T0 High, T1 Low
q
1.128
1.146
1.163
V
T0 High, T1 High
q
1.096
1.113
1.130
V
VPG
Programming Voltage Range
VCC ≥ VCCMINP
q
0VREF
V
IVPG
VPG Input Current
VPG = VREF
q
±20
nA
IV1
V1 Input Current
V1 = 5V, IVREF = 12µA, (Note 4)
q
43
75
µA
IV2
V2 Input Current
V2 = 3.3V
q
0.8
2
µA
IV3
V3 Input Current
V3 = 2.5V
q
0.52
1.2
µA
V3 = 0.55V (ADJ Mode)
–15
15
nA
IV4
V4 Input Current
V4 = 1.8V
q
0.34
0.8
µA
V4 = 0.55V (ADJ Mode)
q
–15
15
nA
V4 = –0.05V (–ADJ Mode)
q
–15
15
nA
ICRT(UP)
CRT Pull-Up Current
VCRT = 0V
q
–1.4
–2
–2.6
µA
ICRT(DN)
CRT Pull-Down Current
VCRT = 1.3V
q
10
20
30
µA
tRST
Reset Time-Out Period
CRT = 1500pF
q
579
ms
tUV
VX Undervoltage Detect to RST or COMPX
VX Less Than Reset Threshold VRTX
150
µs
by More Than 1%
VOL
Output Voltage Low RST, COMPX
ISINK = 2.5mA; V1 = 3V, V2 = 3V;
q
0.15
0.4
V
V3, V4 = 0V; VPG = 0V
ISINK = 100µA; V2 = 1V; V1, V3, V4 = 0V
q
0.05
0.3
V
ISINK = 100µA; V1 = 1V; V2, V3, V4 = 0V
q
0.05
0.3
V
VOH
Output Voltage High RST, COMPX (Note 5)
ISOURCE = 1µA
q
V2 – 1
V
VOH
Output Voltage High RST (LTC2902-2)
ISOURCE = 200µA
q
0.8 • V2
V
(Note 6)
Digital Inputs T0, T1, RDIS
VIL
T0, T1 Low Level Input Voltage
VCC = 3.3V to 5.5V
q
0.3VCC
V
VIH
T0, T1 High Level Input Voltage
VCC = 3.3V to 5.5V
q
0.7VCC
V
IINTOL
T0, T1 Input Current
T0 = 0V, T1 = VCC
q
±0.1
±1
µA
VIL
RDIS Input Threshold Low
VCC = 3.3V to 5.5V
q
0.4
V
VIH
RDIS Input Threshold High
VCC = 3.3V to 5.5V
q
1.6
V
IRDIS
RDIS Pull-Up Current
VRDIS = 0V
–10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com