Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3035 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3035
Description  300mA VLDO Linear Regulator with Charge Pump Bias Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3035 Datasheet(HTML) 2 Page - Linear Technology

  LTC3035 Datasheet HTML 1Page - Linear Technology LTC3035 Datasheet HTML 2Page - Linear Technology LTC3035 Datasheet HTML 3Page - Linear Technology LTC3035 Datasheet HTML 4Page - Linear Technology LTC3035 Datasheet HTML 5Page - Linear Technology LTC3035 Datasheet HTML 6Page - Linear Technology LTC3035 Datasheet HTML 7Page - Linear Technology LTC3035 Datasheet HTML 8Page - Linear Technology LTC3035 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3035
2
3035f
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Notes 1, 2)
VIN to GND .................................................. – 0.3V to 6V
SHDN to GND ............................................. – 0.3V to 6V
CP, CM, BIAS to GND ................................. – 0.3V to 6V
ADJ to GND ................................................ – 0.3V to 6V
VOUT to GND ............................................... – 0.3V to 6V
Operating Junction Temperature
(Note 3) ........................................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 125°C
Output Short Circuit Duration .......................... Indefinite
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3035EDDB
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
CP
CM
GND
IN
BIAS
SHDN
ADJ
OUT
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) IS GND,MUST BE SOLDERED TO PCB
DDB PART MARKING
LBRM
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full specified temperature
range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VOUT = 3.3V, CFLY = 0.1µF, COUT = 1µF, CIN = 1µF, CBIAS = 1µF (all
capacitors ceramic) unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage (Note 4)
●
1.7
5.5
V
VBIAS Output Voltage Range
2.63V < VIN < 5.5V
●
4.8
5
5.3
V
1.7V < VIN < 2.63V
●
1.85 • VIN
1.90 • VIN
1.95 • VIN
V
VOUT Output Voltage Range
●
VADJ
3.6
V
VIN Operating Current
IOUT = 10µA
●
100
200
µA
VIN Shutdown Current
VSHDN = 0V
1
5
µA
VADJ Regulation Voltage (Note 5)
1mA < IOUT < 300mA, 1.7V < VIN < 5.5V,
●
0.392
0.4
0.408
V
VOUT = 1.5V
IADJ ADJ Input Current
VADJ = 0.4V
●
–50
0
50
nA
OUT Load Regulation (Referred to ADJ Pin)
IOUT = 1mA to 300mA
–0.2
mV
Dropout Voltage (Note 6)
VIN = 1.7V, VADJ = 0.37V, IOUT = 300mA
●
45
100
mV
IOUT Continuous Output Current
●
300
mA
IOUT Short Circuit Output Current
VADJ = VOUT = 0
760
mA
VOUT Output Noise Voltage
F = 10Hz to 100kHz, IOUT = 150mA
150
µVrms
VIH SHDN Input High Voltage
●
1.1
V
VIL SHDN Input Low Voltage
●
0.3
V
IIH SHDN Input High Current
SHDN = VIN
–1
1
µA
IIL SHDN Input Low Current
SHDN = 0V
–1
1
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: The LTC3035 regulator is tested and specified under pulse load
conditions such that TJ ≈ TA. The LTC3035 is 100% production tested at
25
°C. Performance at –40°C and 125°C is assured by design,
characterization and correlation with statistical process control.
Note 4: Min Operating Input Voltage required for regulation is:
VIN > VOUT + VDROPOUT and VIN > 1.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com