Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3403 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3403
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3403 Datasheet HTML 8Page - Linear Technology LTC3403 Datasheet HTML 9Page - Linear Technology LTC3403 Datasheet HTML 10Page - Linear Technology LTC3403 Datasheet HTML 11Page - Linear Technology LTC3403 Datasheet HTML 12Page - Linear Technology LTC3403 Datasheet HTML 13Page - Linear Technology LTC3403 Datasheet HTML 14Page - Linear Technology LTC3403 Datasheet HTML 15Page - Linear Technology LTC3403 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC3403
3403f
Figure 7. Suggested Layout
Figure 8
8
7
6
5
1
2
3
4
VOUT
REF
MODE
RUN
GDR
VIN
GND
SW
RREF
CREF
L1
COUT
CIN
LTC3403
TO DAC
VIA TO REF
VIA TO GND
VIA TO VIN
3403 F07
SW
GDR
VOUT
4
1
8
LTC3403
LTC3403 F08
VIN
2.7V
TO 5V
VOUT
VIN
MODE
RUN
REF
2
6
5
7
GND
DAC
3
CIN
†
10
µF
CER
COUT**
4.7
µF
CER
2.2
µH*
1000pF
10k
*
**
†
MURATA LQH32CN2R2M11
TAIYO YUDEN JMK212BJ475MG
TAIYO YUDEN JMK212BJ106MN
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3403. These items are also illustrated graphically in
Figures 6 and 7. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW
trace and the VIN trace should be kept short, direct and
wide.
2. Does the (+) plate of CIN connect to VIN as closely as
possible? This capacitor provides the AC drive to the
internal power MOSFETs.
3. Keep the (–) plates of CIN and COUT as close as possible.
Design Example
As a design example, assume the LTC3403 is used in a
single lithium-ion battery-powered cellular phone applica-
tion. The VIN will be operating from a maximum of 4.2V
down to about 2.7V. The load current requirement is a
maximum of 0.6A but most of the time it will be in standby
mode, requiring only 2mA. Efficiency at both low and high
load currents is important. Output voltage is 2.5V. With
this information we can calculate L using Equation (1),
L
fI
V
V
V
L
OUT
OUT
IN
=
∆


1
1
()(
)
–
(2)
Substituting VOUT = 2.5V, VIN = 4.2V, IL = 240mA and
f = 1.5MHz in Equation (2) gives:
L
V
MHz
mA
V
V
H
=


=µ
25
1 5
240
1
25
42
281
.
.(
)
–
.
.
.
A 2.2
µH inductor works well for this application. For best
efficiency choose a 720mA or greater inductor with less
than 0.2
Ω series resistance.
CIN will require an RMS current rating of at least 0.3A ≅
LOAD(MAX)/2 at temperature and COUT will require an
ESR of less than 0.25
Ω. In most cases, a ceramic capaci-
tor will satisfy this requirement.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com